Electronic Components Datasheet Search
  English  ▼

X  

PT2270 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2270
Description  Remote Control Decoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2270 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2270 Datasheet HTML 8Page - Princeton Technology Corp PT2270 Datasheet HTML 9Page - Princeton Technology Corp PT2270 Datasheet HTML 10Page - Princeton Technology Corp PT2270 Datasheet HTML 11Page - Princeton Technology Corp PT2270 Datasheet HTML 12Page - Princeton Technology Corp PT2270 Datasheet HTML 13Page - Princeton Technology Corp PT2270 Datasheet HTML 14Page - Princeton Technology Corp PT2270 Datasheet HTML 15Page - Princeton Technology Corp PT2270 Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2270 V1.3
- 12 -
May, 2006
Remote Control Decoder IC
PT2270
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
2.0
5.0
10.0
V
Standby current
ISB
0.1
1
µA
D0~D5 output driving current
IOH
3
5
mA
D0~D5 output sinking current
IOL
-2
-4
mA
DIN high level input voltage
VIH
0.7VCC
VCC
V
DIN low level input voltage
VIL
0
0.3VCC
V
VT output driving current
IOH
3
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com