Electronic Components Datasheet Search
  English  ▼

X  

PT2272 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2272
Description  Remote Control Decoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2272 Datasheet HTML 1Page - Princeton Technology Corp PT2272 Datasheet HTML 2Page - Princeton Technology Corp PT2272 Datasheet HTML 3Page - Princeton Technology Corp PT2272 Datasheet HTML 4Page - Princeton Technology Corp PT2272 Datasheet HTML 5Page - Princeton Technology Corp PT2272 Datasheet HTML 6Page - Princeton Technology Corp PT2272 Datasheet HTML 7Page - Princeton Technology Corp PT2272 Datasheet HTML 8Page - Princeton Technology Corp PT2272 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2272 V3.7
- 5 -
June, 2008
Remote Control Decoder
PT2272
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
18pins 20pins
A0 ~ A5
I
Code Address Pin Nos. 0 ~ 5.
These six tri-state pins are detected by PT2272 to
determine the encoded waveform bit 0 ~ bit 5.
Each pin can be set to “0”, “1”, or “f” (floating).
1 ~ 6
1 ~ 6
A6/D5 ~ A11/D0
I/O
Code Address Pin Nos. 6 ~ 11/Data Pin Nos. 5 ~ 0.
These six pins are used as higher address input
bits or data output pins depending on the version
(type) of PT2272 used.
When used as address inputs, these pins are
tri-state input pins and each pin can be set to “0”,
“1”, or “f” (floating).
When used as output pins, these pins are driven to
VCC if (1) the address decoded from the waveform
that was received matches the address setting at
the address input pins, and (2) the corresponding
data bits received is a “1” bit. Otherwise, they are
driven to VSS.
7 ~ 8
10 ~ 13
7 ~ 8
12 ~ 15
DIN
I
Data Input Pin.
The encoded waveform received is serially fed to
PT2272 at this pin.
14
16
OSC 1
I
Oscillator Pin No.1
A resistor connected
between these two pins
determine the
15
17
OSC 2
O
Oscillator Pin No. 2
fundamental frequency of
PT2272.
16
18
VT
O
Valid Transmission.
Active High Signal. VT in high state signifies that
PT2272 receives valid transmission waveform.
17
19
VCC
-
Positive Power Supply
18
20
VSS
-
Negative Power Supply
9
9
NC
-
No Connection
-
10 ~ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com