Electronic Components Datasheet Search
  English  ▼

X  

PT2272 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2272
Description  Remote Control Decoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2272 Datasheet HTML 7Page - Princeton Technology Corp PT2272 Datasheet HTML 8Page - Princeton Technology Corp PT2272 Datasheet HTML 9Page - Princeton Technology Corp PT2272 Datasheet HTML 10Page - Princeton Technology Corp PT2272 Datasheet HTML 11Page - Princeton Technology Corp PT2272 Datasheet HTML 12Page - Princeton Technology Corp PT2272 Datasheet HTML 13Page - Princeton Technology Corp PT2272 Datasheet HTML 14Page - Princeton Technology Corp PT2272 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2272 V3.7
- 11 -
June, 2008
Remote Control Decoder
PT2272
OPERATION FLOWCHART
DECODER WITHOUT DATA OUTPUT PIN
1. When Power is turned on, PT2272 activates the Stand-By Mode.
2. It then searches for signals. If there is no signal received, it remains in the Stand-By Mode;
otherwise, the address bits received are compared with the address configuration of the pins.
3. The VT goes high signifying the validation of transmission only when there are two (2) continuous
frames that contain matched address bits; otherwise, VT will not be activated and the Stand-By
Mode remains active.
4. Then, the Address Bits are again checked. Two continuous mismatches of the address bits would
disable the VT and make the Stand-By Mode active; otherwise, the address bits are continuously
checked.
Power ON
Stand-By Mode
Signal In?
Address Bits
Match?
Activate VT
Address Bits
Still Match?
Address Bits
Still Match?
Yes
No
No
Yes
No
Yes
No
Yes
Yes
No
Disable VT
Address Bits
Match?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com