Electronic Components Datasheet Search
  English  ▼

X  

PT2328 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2328
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2328 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2328 Datasheet HTML 1Page - Princeton Technology Corp PT2328 Datasheet HTML 2Page - Princeton Technology Corp PT2328 Datasheet HTML 3Page - Princeton Technology Corp PT2328 Datasheet HTML 4Page - Princeton Technology Corp PT2328 Datasheet HTML 5Page - Princeton Technology Corp PT2328 Datasheet HTML 6Page - Princeton Technology Corp PT2328 Datasheet HTML 7Page - Princeton Technology Corp PT2328 Datasheet HTML 8Page - Princeton Technology Corp PT2328 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2328 V1.3
- 4 -
August, 2005
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
FUNCTION DESCRIPTION
POWER SUPPLY
The power supplied to the PT2328 only needs single 5V, maximum workable voltage is 7V. In
theoretical the chip itself does not consume the current. Minimum supply voltage not less than 5V for
ensure low on-resistance of switch to keep the signal transmission quality.
ON/OFF SWITCH
PT2328 including 4 groups two way input/output multiplexer, please refer to the following truth table. In
5V supply voltage please maintain the input signal amplitude not greater than 2V for better signal
transmission quality.
TRUTH TABLE
/EN
IN
ON Switch
0
0
S1A,S1B,S1C,S1D
0
1
S2A,S2B,S2C,S2D
1
×
Output Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com