Electronic Components Datasheet Search
  English  ▼

X  

PT2328 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2328
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2328 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2328 Datasheet HTML 2Page - Princeton Technology Corp PT2328 Datasheet HTML 3Page - Princeton Technology Corp PT2328 Datasheet HTML 4Page - Princeton Technology Corp PT2328 Datasheet HTML 5Page - Princeton Technology Corp PT2328 Datasheet HTML 6Page - Princeton Technology Corp PT2328 Datasheet HTML 7Page - Princeton Technology Corp PT2328 Datasheet HTML 8Page - Princeton Technology Corp PT2328 Datasheet HTML 9Page - Princeton Technology Corp PT2328 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2328 V1.3
- 6 -
August, 2005
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
ELECTRICAL CHARACTERISTICS
(Topr=-40℃~+85℃, VDD=5V±5%)
Parameter
Symbol
Conditions
Min.
Typ,
Max.
Unit
Analog Signal Range
VANALOG VDD=5V, RL>75Ω
0
2
2.4
V
Input High Voltage
VIH
Guaranteed Logic HIGH Level
1.8
-
-
V
Input Low Voltage
VIL
Guaranteed Logic LOW Level
-
-
0.8
V
Input High Current
IIH
VDD=5V, VIN=VDD
-
-
±1
µA
Input Low Current
IIL
VDD=5V, VIN=GND
-
-
±1
µA
Analog Output
Leakage Current
IO
0≦S1, S2D≦VDD, Switch Off
-
-
±1
µA
Clamp Diode Voltage
VIK
VDD=5V, IIN=-18mA
-0.9
-0.7
-0.5
V
Short Circuit Current
IOS
S1 or S2=VDD, D=0V
SW On<0.3Sec
100
-
-
mA
Input Hysteresis at
Control Pins
VH
VIH-VIL
150
300
450
mV
VDD=5V, VIN=1.0V
RL=75Ω, ION=13mA
-
5
7
Ω
Switch On-Resistance
RON
VDD=5V, VIN=2.0V
RL=75Ω, ION=26mA
-
7
10
Ω
DYNAMIC CHARACTERISTICS
(Topr=-40℃~+85℃, VDD=5V±5%)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Turn On Time
TON
RL=75Ω, CL=20pF
-
3
5
nS
Turn Off Time
TOFF
RL=75Ω, CL=20pF
-
2
5
nS
Break before make
Tbk
RL=75Ω, CL=20pF
5
8
nS
Bandwidth
BW
RL=150Ω
240
-
-
MHz
Crosstalk
XTALK
RIN=10Ω; RL=150Ω, 10MHz
-
-55
-50
dB
Off Isolation
OIRR
RL=150Ω, 100MHz
-
-50
-45
dB
POWER SUPPLY CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Quiescence Current
ICC
VDD=5V, IN=VDD or GND
-
0.1
3.0
µA
VDD=5V, S1, S2 and D pins Open
/EN=GND
VIN=3V square wave, duty
cycle=50%
-
-
0.25
mA/MHz
Current Consumption
vs Switching
Frequency
ICCD
VIN=3V square waveform,
F=1MHz
-
-
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com