Electronic Components Datasheet Search
  English  ▼

X  

PT6306 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6306
Description  64-Bit High Voltage Display Driver IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6306 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6306 Datasheet HTML 2Page - Princeton Technology Corp PT6306 Datasheet HTML 3Page - Princeton Technology Corp PT6306 Datasheet HTML 4Page - Princeton Technology Corp PT6306 Datasheet HTML 5Page - Princeton Technology Corp PT6306 Datasheet HTML 6Page - Princeton Technology Corp PT6306 Datasheet HTML 7Page - Princeton Technology Corp PT6306 Datasheet HTML 8Page - Princeton Technology Corp PT6306 Datasheet HTML 9Page - Princeton Technology Corp PT6306 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PT6306
V2.1
6
January 2010
Pin Name
I/O
Description
Pin No.
VDD2
-
Power Supply: 10 to 70V
1, 26, 38, 63
VSS2
-
Ground
2, 27, 37, 62
HVO1 to HVO23
O
High Voltage Output Pins
39 to 61
HVO24 to HVO41
64 to 81
HVO42 to HVO64
3 to 25
LDIO
I/O
Left Data I/O Pin
28
RDIO
I/O
Right Data I/O Pin
29
CLKB
I
Clock Input Pin
30
VSS1
-
Ground
31
DIR
Shift Directional Control Input Pin
When this pin is set to “H” the Right Shift Mode is active:
RDIO HVO1…..HVO64 LDIO
When this pin is set to “L” the Left Shift Mode is active:
LDIO HVO64…..HVO1 RDIO
32
VDD1
-
Power Supply: 5V +10%
33
LATB
I
Latch Strobe Input Pin
34
PCB
I
Reversed Polarity Pin
35
BK
I
Blank Input Pin
36
Notes:
1. Use all the Power Supply Pins: VDD1, VDD2, VSS1, VSS2 (Make sure that VSS1 and VSS2 Pins have the same voltage level.)
2. Power must be supplied to VDD1, Logic Input and VDD2 so that the device may be protected from any harm caused by latch up. Power must be
turned off in a reversed manner. Power ON. OFF sequences must be observed at all times, even during the transition period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com