Electronic Components Datasheet Search
  English  ▼

X  

PT6306 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6306
Description  64-Bit High Voltage Display Driver IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6306 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6306 Datasheet HTML 7Page - Princeton Technology Corp PT6306 Datasheet HTML 8Page - Princeton Technology Corp PT6306 Datasheet HTML 9Page - Princeton Technology Corp PT6306 Datasheet HTML 10Page - Princeton Technology Corp PT6306 Datasheet HTML 11Page - Princeton Technology Corp PT6306 Datasheet HTML 12Page - Princeton Technology Corp PT6306 Datasheet HTML 13Page - Princeton Technology Corp PT6306 Datasheet HTML 14Page - Princeton Technology Corp PT6306 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PT6306
V2.1
11
January 2010
SWITCHING CHARACTERISTICS
(Unless otherwise specified, Ta=25℃, VDD1=3.3V/5.0V, VDD2=70V, VSS1=VSS2=0V, Logic CL=15pF, Driver
CL=50pF)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Propagation Delay Time
tPHL1
CLKB→RDIO/LDIO
-
-
50
ns
tPLH1
-
-
50
ns
tPHL2
VDD1=3.3V
CLKB→HVO1 to HVO64
-
-
1000
ns
VDD1=5.0V
CLKB→HVO1 to HVO64
160
tPLH2
VDD1=3.3V
CLKB→HVO1 to HVO64
-
-
700
ns
VDD1=5.0V
CLKB→HVO1 to HVO64
160
tPHL3
VDD1=3.3V
LATB→HVO1 to HVO64
-
-
1000
ns
VDD1=5.0V
LATB→HVO1 to HVO64
150
tPLH3
VDD1=3.3V
LATB→HVO1 to HVO64
-
-
700
ns
VDD1=5.0V
LATB→HVO1 to HVO64
150
tPHL4
VDD1=3.3V
BK→HVO1 to HVO64
-
-
1000
ns
VDD1=5.0V
BK→HVO1 to HVO64
145
tPLH4
VDD1=3.3V
BK→HVO1 to HVO64
-
-
700
ns
VDD1=5.0V
BK→HVO1 to HVO64
145
tPHL5
VDD1=3.3V
PCB→HVO1 to HVO64
-
-
1000
ns
VDD1=5.0V
PCB→HVO1 to HVO64
140
tPLH5
VDD1=3.3V
PCB→HVO1 to HVO64
-
-
700
ns
VDD1=5.0V
PCB→HVO1 to HVO64
140
Rise Time
tTLH
VDD=5V
HVO1 to HVO64
-
-
100
ns
VDD=3.3V
HVO1 to HVO64
-
-
200
Fall Time
tTHL
VDD=5V
HVO1 to HVO64
-
-
100
ns
VDD=3.3V
HVO1 to HVO64
-
-
300
Clock Frequency
f
Duty=50%, data loading
-
-
25
MHz
In Cascade Connection
-
-
16
MHz
Input Capacitance
CI
-
-
-
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com