Electronic Components Datasheet Search
  English  ▼

X  

PT6523 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6523
Description  1/3 Duty General Purpose LCD Driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6523 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6523 Datasheet HTML 2Page - Princeton Technology Corp PT6523 Datasheet HTML 3Page - Princeton Technology Corp PT6523 Datasheet HTML 4Page - Princeton Technology Corp PT6523 Datasheet HTML 5Page - Princeton Technology Corp PT6523 Datasheet HTML 6Page - Princeton Technology Corp PT6523 Datasheet HTML 7Page - Princeton Technology Corp PT6523 Datasheet HTML 8Page - Princeton Technology Corp PT6523 Datasheet HTML 9Page - Princeton Technology Corp PT6523 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6523 V1.8
- 6 -
July, 2007
1/3 Duty General Purpose LCD Driver IC
PT6523
FUNCTION DESCRIPTION
SERIAL DATA TRANSFER
CONDITION 1: CLK IS TERMINATED AT THE “LOW” LEVEL
CONDITION 2: CLK IS TERMINATED AT THE “HIGH” LEVEL
Notes:
1. Address: 41H
2. D1 to D156 = Display Data
When D1 to D156 are set to “1”, Display is turned ON.
When D1 to D156 are set to “0”, Display is turned OFF.
3. DR = 1/2 Bias Drive or 1/3 Bias Drive Switching Control Data
4. SC = Segment ON/OFF Control Data
5. BU = Normal Mode/Power-Saving Control Data
6. x = Not Relevant
For example, there are 63 segments that are being used, the 63 bits of display data (D94 to D156)
must be sent. Please refer to the diagram below.
8 BITS
67 BITS
1
0
0
0
0
0
1
0
D94
D95
D96
D154
D155
D156
DR
SC
BU
X
←------------
ADDRESS
------------
→
Note: x = Not Relevant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com