Electronic Components Datasheet Search
  English  ▼

X  

PT6523 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6523
Description  1/3 Duty General Purpose LCD Driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6523 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6523 Datasheet HTML 9Page - Princeton Technology Corp PT6523 Datasheet HTML 10Page - Princeton Technology Corp PT6523 Datasheet HTML 11Page - Princeton Technology Corp PT6523 Datasheet HTML 12Page - Princeton Technology Corp PT6523 Datasheet HTML 13Page - Princeton Technology Corp PT6523 Datasheet HTML 14Page - Princeton Technology Corp PT6523 Datasheet HTML 15Page - Princeton Technology Corp PT6523 Datasheet HTML 16Page - Princeton Technology Corp PT6523 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6523 V1.8
- 13 -
July, 2007
1/3 Duty General Purpose LCD Driver IC
PT6523
ABSOLUTE MAXIMUM RATING
(Unless otherwise stated, Ta=25℃, Vss=0V)
Parameter
Symbol
Condition
Ratings
Unit
Maximum Supply Voltage
VDDmax
VDD
-0.3 to +6.5
V
VIN1
CE, CLK, DI , /INH -0.3 to VDD+0.3
V
Input Voltage
VIN2
OSC
-0.3 to VDD+0.3
V
Output Voltage
VOUT
OSC
-0.3 to VDD+0.3
V
IOUT1
SG1 to SG52
300
uA
Output Current
IOUT2
COM1 to COM3
3
mA
Allowable Power Dissipation
Pd max
Ta=85℃
200
mW
Operating Temperature
Topr
-40 to +85
℃
Storage Temperature
Tstg
-65 to +150
℃
ALLOWABLE OPERATING RANGE
(Unless otherwise stated, Ta=25℃, Vss=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
VDD
4.5
-
6.0
V
Input Voltage
VDD1
VDD1
-
2/3VDD
VDD
V
Input Voltage
VDD2
VDD2
-
1/3VDD
VDD
V
High Level Input Voltage
VIH
CE, CLK, DI, /INH
4.0
-
VDD
V
Low Level Input Voltage
VIL
CE, CLK, DI, /INH
0
-
0.7
V
Recommended External
Resistance
Rosc
OSC
-
47
-
KΩ
Recommended External
Capacitance
Cosc
OSC
-
1000
-
pF
Guaranteed Oscillator
Range
fosc
OSC
19
38
76
KHz
Data Setup Time *
tds
CLK, DI: Figure 2
100
-
-
ns
Data Hold Time *
tdh
CLK, DI: Figure 2
100
-
-
ns
CE Wait Time *
tcp
CE, CLK: Figure 2
100
-
-
ns
CE Setup Time *
tcs
CE, CLK: Figure 2
100
-
-
ns
CE Hold Time *
tch
CE, CLK: Figure 2
100
-
-
ns
High Level Clock Pulse
Width *
toH
CLK: Figure 2
100
-
-
ns
Low Level Clock Pulse
Width *
toL
CLK: Figure 2
100
-
-
ns
Rise Time *
tr
CE, CLK, DI: Figure 2
-
100
-
ns
Fall Time*
tf
CE, CLK, DI: Figure 2
-
100
-
ns
/INH, Switching Time
t2
/INH, CE: Figure 1
10
-
-
µs
Note: * = Refer to the diagrams below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com