Electronic Components Datasheet Search
  English  ▼

X  

SR250 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SR250
Description  SCHOTTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SR250 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SR250 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SR250 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
20
SCHOTTTKY BARRIER RECTIFIER
VOLTAGE RANGE
20 to 100 Volts
SR2
THRU SR2
CURRENT
2.0 Ampere
R A TIN G A ND CHR AC TE R IS TIC C UR VE S S R202 THR U S R210
FIG .2-M AX IM UM NON-REP ETITIV E PE AK
100
Tjmax
20
10
CHA RA CTERISTICS
2
20
1
NUMBE R OF CY CLE S A T 60 Hz
8.3m s S ingle H alf S ine-W ave
(JEDEC Method) T =
FO RWA RD S URG E CURRENT
FIG.4-TYP ICAL RE VE RSE
DE RATING CURVE
FIG .1-TYP IC AL FO RWA RD CURRE NT
Sing le P hase
In du ctive L oad
Half W av e 6 0Hz
R es is tiv e or
FIG .3-TY PICA L INSTA NTANEO US
FO RWA RD CHARA CTERISTICS
AMBIENT TEM PE RATURE , (
° C)
J
T = 25
° C
D UTY CY CLE 1%
PULSE W IDTH =300
μs
1000
100
INS TANTA NEO US FO RWA RD VO LTAG E,(V)
FIG .5-TYP IC AL JUNC TIO N CA PA CITA NCE
0.1
10
RE VE RSE VO LTA GE ,(V)
V sig=50mV
0.375
″(9.5mm) Lead Length
f=1MHz
T =25
° C
4
68
1 C ycle
1.0
10
100
P ERCE NT OF RA TED PE AK
REV ERS E V OLTAG E,(%)
J
j
SR 202-204
S R205-210
60
40
80
SR2 05-210
SR202-204
0
20
30
40
50
60
80
100
10
1.0
0.1
0.01
0.001
20
10
1 .0
0 .1
0 .01
0.4
0 .6
0 .8
1 .0
1.2
1 .4
1.6
1 .8
2.2
2.0
1.8
1.6
1.4
1.2
0
0
25
50
75
100
125
150
175
70
60
40
0
J
T =25
° C
J
J
T =125
° C
T =75
° C
Web Site: WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com