Electronic Components Datasheet Search
  English  ▼

X  

SR250 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SR250
Description  SCHOTTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SR250 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SR250 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SR250 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR2100
280
260
250
240
230
220
100
0
2 T
U
SCHOTTTKY BARRIER RECTIFIER
VOLTAGE RANGE
20 to 100 Volts
SR2
HR
SR2
CURRENT
2.0 Ampere
FEATURES
•
Fast switching
•
Low forward voltage
•
Low power loss for high efficiency
•
High surge capability
•
High temperature soldering guaranteed
250℃/10 seconds,0.375”(9.5mm)lead length
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Lead: solderable per MIL-STD-202E
Method 208C
•
Polarity :Color band denoted cathode end
•
Mounting position: Any
•
Weight: 0.014ounce, 0.39 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SR
SR
SR
SR
SR
SR
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length ,(NOTE 1)
T L =100℃
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3mS single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
60
Amps
Maximum Instantaneous Forward Voltage @2.0A
VF
0.55
0.70
0.85
Volts
TA = 25℃
0.5
Maximum DC Reverse Current at rated
DC blocking voltage per element(Note1) T
A = 100℃
IR
10
µA
Typical Junction Capacitance (NOTE 3)
CJ
200
pF
Typical Thermal Resistance (NOTE 2)
RθJA
20
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Pulse test:300μs pulse width,1% duty cycle
2. Thermal Resistance from junction to ambient P.C.B. mounted with 0.375”(9.5mm)lead length with 1.5”×1.5”(38×38mm)
copper pads
3. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
Dimensions in inches and (millimeters)
DIA.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.034(0.9)
.028(0.7)
DIA.
DO-204AC(DO-15)
Web Site: WWW.PS-PFS.COM


Similar Part No. - SR250

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR250 WTE-SR250 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SR250 JGD-SR250 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR250 BYTES-SR250 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR250 DCCOM-SR250 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR250 FORMOSA-SR250 Datasheet
33Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SR202 MIC-SR202 Datasheet
50Kb / 2P
SCHOTTTKY BARRIER RECTIFIER
logo
Formosa MS
GBJ15005 FORMOSA-GBJ15005 Datasheet
173Kb / 2P
Barrier Rectifier
GBJ25005 FORMOSA-GBJ25005 Datasheet
227Kb / 2P
Barrier Rectifier
GBU20005 FORMOSA-GBU20005 Datasheet
360Kb / 2P
Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com