Electronic Components Datasheet Search
  English  ▼

X  

PT6547 Datasheet(PDF) 34 Page - Princeton Technology Corp

Part # PT6547
Description  LCD Driver IC with Key Input Function
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6547 Datasheet(HTML) 34 Page - Princeton Technology Corp

Back Button PT6547 Datasheet HTML 27Page - Princeton Technology Corp PT6547 Datasheet HTML 28Page - Princeton Technology Corp PT6547 Datasheet HTML 29Page - Princeton Technology Corp PT6547 Datasheet HTML 30Page - Princeton Technology Corp PT6547 Datasheet HTML 31Page - Princeton Technology Corp PT6547 Datasheet HTML 32Page - Princeton Technology Corp PT6547 Datasheet HTML 33Page - Princeton Technology Corp PT6547 Datasheet HTML 34Page - Princeton Technology Corp PT6547 Datasheet HTML 35Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6547 V1.2
- 34 -
January, 2006
LCD Driver IC with Key Input Function
PT6547
PACKAGE INFORMATION
100 PINS, LQFP PACKAGE (BODY SIZE: 14MM X 14MM, PITCH:0.50MM,
THK: 1.40MM)
θ1
θ2
θ3
SL
0.25mm
GAUGE PLANE
R2
R1
-D-
D1
D
-A-
-B-
-H-
e
b
A2
A1
A
c
θ
C SEATING PLANE
ccc
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com