Electronic Components Datasheet Search
  English  ▼

X  

PT6547 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6547
Description  LCD Driver IC with Key Input Function
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6547 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6547 Datasheet HTML 2Page - Princeton Technology Corp PT6547 Datasheet HTML 3Page - Princeton Technology Corp PT6547 Datasheet HTML 4Page - Princeton Technology Corp PT6547 Datasheet HTML 5Page - Princeton Technology Corp PT6547 Datasheet HTML 6Page - Princeton Technology Corp PT6547 Datasheet HTML 7Page - Princeton Technology Corp PT6547 Datasheet HTML 8Page - Princeton Technology Corp PT6547 Datasheet HTML 9Page - Princeton Technology Corp PT6547 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6547 V1.2
- 6 -
January, 2006
LCD Driver IC with Key Input Function
PT6547
PIN DESCRIPTON
Pin Name
I/O
Description
Pin No.
SG1/P1 to SG8/P8
O
Segment Driver/General Purpose Output Pins
1 to 8
SG9 to SG73
O
Segment Driver Output Pins
9 to 73
SG74/COM4
O
Common/Segment Driver Output Pins
This pin can used as segment output pin in 1/3 duty.
74
COM1 to COM3
O
Common Driver Output Pins
77 to 75
SG75/KS1,
SG76/KS2
O
Key Scan/Segment Driver Output Pins
78, 79
KS3 to KS6
O
Key Scan Output Pins
80 to 83
KI1 to KI5
I
Key Scan Input Pins
84 to 88
VDD
-
Power Supply
89
VLCD
-
LCD Driver Power Supply
90
VLCD1
-
LCD Drive 2/3 Bias Voltage Power Supply
Must be connected to VLCD2 when a 1/2 bias drive scheme is
used.
91
VLCD2
-
LCD Drive 1/3 Bias Voltage Power Supply
Must be connected to VLCD1 when a 1/2 bias drive scheme is
used.
92
VSS
-
Ground Pin
93
TEST
I
This pin must be connected to ground.
94
OSC
I/O
Oscillator Input/Output Pin
An oscillator circuit is formed by connecting an external resistor
and capacitor at this pin.
95
/RES
I
Reset Input Pin
When this pin is set to “Low”, reset to initial state.
96
DOUT
O
Data Output Pin (see Note)
This pin outputs serial data at the falling edge of the shift clock
(starting from the lower bit).
97
STB
I
Chip Enable Input Pin
The data input after the STB has fallen is processed as a
command.
When this pin is “High”, CLK is ignored.
98
CLK
I
Clock Input Pin
This pin reads serial data at the rising edge and outputs data at
the falling edge.
99
DIN
I
Data Input Pin
This pin inputs serial data at the rising edge of the shift clock
(starting from the lower bit).
100
Note: This pin is open-drain output, a pull-up resistor of between 1K and 10KΩ is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com