Electronic Components Datasheet Search
  English  ▼

X  

PT6909 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6909
Description  Power Factor Correction LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6909 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6909 Datasheet HTML 1Page - Princeton Technology Corp PT6909 Datasheet HTML 2Page - Princeton Technology Corp PT6909 Datasheet HTML 3Page - Princeton Technology Corp PT6909 Datasheet HTML 4Page - Princeton Technology Corp PT6909 Datasheet HTML 5Page - Princeton Technology Corp PT6909 Datasheet HTML 6Page - Princeton Technology Corp PT6909 Datasheet HTML 7Page - Princeton Technology Corp PT6909 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PT6909
V1.1
4
April 2010
FUNCTION DESCRIPTION
POWER TOPOLOGY
PT6909 is optimized to drive non-isolated topology, cascading an input PFC boost stage and an output buck converter
power stage. This power converter topology offers numerous advantages useful for driving high-brightness LED. These
advantages include power factor correction, low harmonic distortion of the input AC line current. The power converter
topology also permits reducing the size of a filter capacitor needed, enabling use of non-electrolytic capacitors. The latter
advantage greatly improves reliability of the overall solution.
PT6909 is a peak current-mode controller that is specifically designed to drive a constant current buck power converter.
PT6909 controls two identical current sense comparators for detecting input and output current. One of the comparators
regulates the output LED current, while the other is used for sensing the input inductor current. The comparator sensing
the input inductor current is mainly responsible for the converter start-up. The control scheme can achieve a low inrush
current, also avoid a high input current while the AC input is under-voltage.
OVER VOLTAGE DETECTION
PT6909 includes output over voltage detection function. The OVP pin is used for sensing the output voltage of boost
stage. The PT6909 will latch the GD output at shutdown state when the output voltage reaches OVP threshold voltage.
In the typical application circuit, the system will go into hiccup mode if the LED load is open. When the LED load is
disconnected, the output voltage rises as the output capacitor C1 starts charging. When the PT6909 detects an over
voltage condition and turns off the converter. The PT6909’s power supply VIN drops under UVLO threshold voltage and
goes into low current start-up status. The PT6909 restarts and turns on the converter. The system starts another cycle
until the LED load is re-connected.
INPUT VOLTAGE LIMITATION
PT6909 built-in power-supply clamped circuit. In the typical application circuit, when the VIN voltage rises higher than
14V typically, it will be clamped at this level with internal 5mA current sink capability.
SETTING INPUT AND OUTPUT CURRENT
Two current sense comparators are included in the PT6909. Both comparators have their inverting inputs internally
connected to 240mV. The CS1 and CS2 inputs are non-inverting inputs of the comparators. When either the CS1 or CS2
pin voltage rises up 240mV, the GD pulse is terminated. A leading edge blanking delay of 300ns(typ) is added. The GD
voltage becomes high again upon receiving the next clock pulse of the oscillator circuit.
Referring to the Typical Application Diagram, the CS1 comparator is responsible for regulating output current. The
output LED current can be programmed using the following equation:
1
CS1
LED
2
1
R
0.24
L
I
I
Δ
−
=
Where △IL1 is the peak-to-peak current ripple in L1. The CS2 comparator limits the current in the input inductor L2.
Therefore, the PT6909 starts-up in the input current limiting mode. The CS2 voltage sensing must be programmed such
that no input current limiting occurs in normal steady-state operation. The L2 current sensing resistor RCS2 can be
programmed using the following equation:
L2P
CS2
I
0.24
<
R
Where, IL2P is the maximum peak current in L2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com