Electronic Components Datasheet Search
  English  ▼

X  

PT6909 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6909
Description  Power Factor Correction LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6909 Datasheet(HTML) 6 Page - Princeton Technology Corp

  PT6909 Datasheet HTML 1Page - Princeton Technology Corp PT6909 Datasheet HTML 2Page - Princeton Technology Corp PT6909 Datasheet HTML 3Page - Princeton Technology Corp PT6909 Datasheet HTML 4Page - Princeton Technology Corp PT6909 Datasheet HTML 5Page - Princeton Technology Corp PT6909 Datasheet HTML 6Page - Princeton Technology Corp PT6909 Datasheet HTML 7Page - Princeton Technology Corp PT6909 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PT6909
V1.1
6
April 2010
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
VIN to GND
-0.3 ~ +16
V
CS1,CS2 to GND
-0.3 ~ +6
V
GD to GND
-0.3 ~ +16
V
PWMD to GND
-0.3 ~ +16
V
OVP to GND
-0.3 ~ +6
V
RF to GND
-0.3 ~ +6
V
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input DC supply voltage
VIN
DC input voltage
8
9
12
V
VIN clamped voltage
VCLP
PWMD=VIN
14
V
Current sink capability at VIN
ICLP
PWMD=VIN
5
mA
Start-up current
ISTART
PWMD=GND, VIN rising
30
uA
Active supply current
IINAC
VIN=12V, PWMD=VIN,
VCS1=VCS2=0.5V
0.56
0.7
mA
Stand-by supply current
IINST
VIN=12V, PWMD=VIN,
VCS1=VCS2=GND
0.46
0.6
mA
VIN start voltage
VST
VIN rising
6.5
7.0
7.5
V
VIN under voltage lockout hysteresis
VHYS
VIN falling
0.6
0.9
1.2
V
Pin PWMD input low voltage
VENL
VIN=8~12V
1.2
V
Pin PWMD input high voltage
VENH
VIN=8~12V
2.5
V
Pin PWMD pull-down resistance
REN
VPWMD=5V
170
200
230
KΩ
Current sense threshold voltage
VCS
VIN=8~12V
220
240
260
mV
Over voltage protection threshold
voltage
VOVP
VIN=8~12V
1.21
V
RF voltage
VRF
VIN=8~12V, RRF =270KΩ
1.18
1.21
1.24
V
Oscillator frequency
FOSC
RRF=270KΩ
75
95
115
KHz
Maximum oscillator PWM duty cycle
DMAX
RRF=270KΩ, CS1= CS2=GND
100
%
Current sense blanking internal
TBLANK
VCS1=VCS2=0.5V
200
300
400
ns
GD high output voltage
VGDH
ISource=10mA
VIN-0.3
V
GD low output voltage
VGDL
ISink=10mA
0.2
V
GD output rise time
TRISE
CGD=560pF
30
50
ns
GD output fall time
TFALL
CGD=560pF
30
50
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com