Electronic Components Datasheet Search
  English  ▼

X  

PT6937 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT6937
Description  White LED Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6937 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT6937 Datasheet HTML 1Page - Princeton Technology Corp PT6937 Datasheet HTML 2Page - Princeton Technology Corp PT6937 Datasheet HTML 3Page - Princeton Technology Corp PT6937 Datasheet HTML 4Page - Princeton Technology Corp PT6937 Datasheet HTML 5Page - Princeton Technology Corp PT6937 Datasheet HTML 6Page - Princeton Technology Corp PT6937 Datasheet HTML 7Page - Princeton Technology Corp PT6937 Datasheet HTML 8Page - Princeton Technology Corp PT6937 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6937 V1.1
- 2 -
March, 2006
White LED Step-Up Converter
PT6937
BLOCK DIAGRAM
5
+
+
RAMP
GENERATOR
1.2MHz
OSCILLATOR
VIN
FB
A1
95mV
VREF
1.25V
Rc
Cc
A2
COMPARATOR
R
S
Q
DRIVER
1
M1
0.2
SW
GND
2
3
4
/SHDN
SHUTDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com