Electronic Components Datasheet Search
  English  ▼

X  

PT6937 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6937
Description  White LED Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6937 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6937 Datasheet HTML 7Page - Princeton Technology Corp PT6937 Datasheet HTML 8Page - Princeton Technology Corp PT6937 Datasheet HTML 9Page - Princeton Technology Corp PT6937 Datasheet HTML 10Page - Princeton Technology Corp PT6937 Datasheet HTML 11Page - Princeton Technology Corp PT6937 Datasheet HTML 12Page - Princeton Technology Corp PT6937 Datasheet HTML 13Page - Princeton Technology Corp PT6937 Datasheet HTML 14Page - Princeton Technology Corp PT6937 Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6937 V1.1
- 11 -
March, 2006
White LED Step-Up Converter
PT6937
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Input voltage
VIN
5
V
SW voltage
33
V
FB voltage
5
V
/SHDN voltage
5
V
Operating temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-65 to +150
℃
Maximum junction temperature
125
℃
Lead temperature (Soldering, 10 sec.)
300
℃
Note:
Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
ELECTRICAL CHARACTERISTICS
(unless otherwise specified, Ta=25℃, VIN=3V, V /SHDN=3V,.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Minimum operating voltage
2.5
V
Maximum operating voltage
5.5
V
Feedback voltage
ISW=100mA, Duty cycle=66%
86
95
104
mV
FB pin bias current
5
10
nA
Supply current
/SHDN=0V
0.8
0.1
1.2
1.0
mA
µA
Switching frequency
0.8
1.2
1.6
MHz
Maximum duty cycle
84
87
90
%
Switch current limit
300
350
400
mA
Switch VCESAT
ISW=250mA
350
380
mV
Switch leakage current
VSW=30V
0.1
1
µA
/SHDN voltage high
1.3
-
-
V
/SHDN voltage low
0.5
V
/SHDN pin bias current
20
30
µA
Note:
The PT6937 is guaranteed to meet specifications from 0℃ to 70℃. Specifications over the -40℃ to
85℃ operating temperature range are assured by design, characterization and correlation with
statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com