Electronic Components Datasheet Search
  English  ▼

X  

21DQ06 Datasheet(PDF) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 21DQ06
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

21DQ06 Datasheet(HTML) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  21DQ06 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
21DQ06
3
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.0 001
0.0 01
0.0 1
0.1
1
10
100
02 0
40
60
R
125°C
100°C
75°C
50°C
25°C
Rev erse V oltag e - V
(V )
T = 150°C
J
0.1
1
10
00.3
0.6
0 .9
1 .2
FM
T = 150°C
T = 125°C
T= 25°C
J
J
J
Forward V olta ge D rop - V
(V)
10
10 0
10 0 0
02 0
4 0
6 0
R
Reverse V olta ge - V
(V)
T= 25°C
J
Web Site: WWW.PS-PFS.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com