Electronic Components Datasheet Search
  English  ▼

X  

21DQ06 Datasheet(PDF) 4 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 21DQ06
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

21DQ06 Datasheet(HTML) 4 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  21DQ06 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21DQ06
4
Fig. 4 - Maximum Allowable Lead Temperature
Vs. Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
(2) Formula used: T
L
= T
J
- (Pd + Pd
REV
) x R
thJL
;
Pd = Forward Power Loss = I
F(AV)
x V
FM
@ (I
F(AV) /
D) (see Fig. 5);
Pd
REV
= Inverse Power Loss = V
R1
x I
R
(1 - D); I
R
@ V
R1
= 80% rated V
R
0
0.4
0.8
1.2
1.6
2
01
2
3
DC
F(AV)
RM S Lim it
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
A verage Forw ard C urren t - I
(A )
10
100
1000
10
100
1000
10000
p
At An y Rated Load C ondition
An d W ith Rated V
Applied
Follow in g Surg e
RRM
Square W ave Pulse D uration - t
(m icrosec)
0
30
60
90
12 0
15 0
01
23
DC
F(AV )
seenote(2)
Averag e Forw ard C urren t - I
(A)
Square w ave (D = 0.50)
80% Rated V
applied
R
=1/8 inch
Web Site: WWW.PS-PFS.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com