Electronic Components Datasheet Search
  English  ▼

X  

PT6965 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT6965
Description  LED Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6965 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT6965 Datasheet HTML 3Page - Princeton Technology Corp PT6965 Datasheet HTML 4Page - Princeton Technology Corp PT6965 Datasheet HTML 5Page - Princeton Technology Corp PT6965 Datasheet HTML 6Page - Princeton Technology Corp PT6965 Datasheet HTML 7Page - Princeton Technology Corp PT6965 Datasheet HTML 8Page - Princeton Technology Corp PT6965 Datasheet HTML 9Page - Princeton Technology Corp PT6965 Datasheet HTML 10Page - Princeton Technology Corp PT6965 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PT6965
V1.3
7
COMMANDS 3: ADDRESS SETTING COMMANDS
Address Setting Commands are used to set the address of the display memory. The address is
considered valid if it has a value of 00H to 0DH. If the address is set to 0EH or higher, the data is
ignored until a valid address is set. When power is turned ON, the address is set at 00H.
Please refer to the diagram below.
MSB
LSB
1
1
0
0
b3
b2
b1
b0
Address: 00H to 0DH
DISPLAY MODE AND RAM ADDRESS
Data transmitted from an external device to PT6965 via the serial interface are stored in the Display RAM and are
assigned addresses. The RAM addresses of PT6965 are given below in 8 bits unit.
SG1
SG4
SG5
SG8 SG9
SG12 SG13
SG14
00HL
00HU
01HL
01HU
DIG1
02HL
02HU
03HL
03HU
DIG2
04HL
04HU
05HL
05HU
DIG3
06HL
06HU
07HL
07HU
DIG4
08HL
08HU
09HL
09HU
DIG5
0AHL
0AHU
0BHL
0BHU
DIG6
0CHL
0CHU
0DHL
0DHU
DIG7
b0
b3
b4
b7
xxHL
xxHU
Lower 4 bits
Higher 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com