Electronic Components Datasheet Search
  English  ▼

X  

PT6965 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6965
Description  LED Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6965 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6965 Datasheet HTML 7Page - Princeton Technology Corp PT6965 Datasheet HTML 8Page - Princeton Technology Corp PT6965 Datasheet HTML 9Page - Princeton Technology Corp PT6965 Datasheet HTML 10Page - Princeton Technology Corp PT6965 Datasheet HTML 11Page - Princeton Technology Corp PT6965 Datasheet HTML 12Page - Princeton Technology Corp PT6965 Datasheet HTML 13Page - Princeton Technology Corp PT6965 Datasheet HTML 14Page - Princeton Technology Corp PT6965 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PT6965
V1.3
11
SERIAL COMMUNICATION FORMAT
The following diagram shows the PT6965 serial communication format. The DOUT Pin is an N-channel, open-drain
output pin, therefore, it is highly recommended that an external pull-up resistor (1 KΩ to 10 KΩ) must be connected to
DOUT.
where: twait (waiting time) ≥ 1 µs
It must be noted that when the data is read, the waiting time (twait) between the rising of the eighth clock that has set the
command and the falling of the first clock that has read the data is greater or equal to 1 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com