Electronic Components Datasheet Search
  English  ▼

X  

2N3904 Datasheet(PDF) 5 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 2N3904
Description  NPN General Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

2N3904 Datasheet(HTML) 5 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  2N3904 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 5Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 6Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NPN General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Storage Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
T
= 125°C
T
= 25°C
J
J
Fall Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
V
= 40V
CC
T
= 125°C
T
= 25°C
J
J
Current Gain
0.1
1
10
10
100
500
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
Output Admittance
0.1
1
10
1
10
100
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
Input Impedance
0.1
1
10
0.1
1
10
100
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
Voltage Feedback Ratio
0.1
1
10
1
2
3
4
5
7
10
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
2N3904/MMBT3904/PZT3904
Web Site:
WWW.PS-PFS.COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com