Electronic Components Datasheet Search
  English  ▼

X  

2N3904 Datasheet(PDF) 6 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 2N3904
Description  NPN General Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

2N3904 Datasheet(HTML) 6 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  2N3904 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 5Page - Shenzhen Ping Sheng Electronics Co., Ltd. 2N3904 Datasheet HTML 6Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Test Circuits
10 K
Ω
Ω
Ω
Ω
Ω
3.0 V
275
Ω
Ω
Ω
Ω
Ω
t
1
C
1
<<<<< 4.0 pF
Duty Cycle
===== 2%
Duty Cycle
===== 2%
<<<<< 1.0 ns
- 0.5 V
300 ns
10.6 V
10
<<<<< t
1 <
<<<< 500 µµµµµs
10.9 V
- 9.1 V
<<<<< 1.0 ns
0
0
10 K
Ω
Ω
Ω
Ω
Ω
3.0 V
275
Ω
Ω
Ω
Ω
Ω
C
1
<<<<< 4.0 pF
1N916
FIGURE 2: Storage and Fall Time Equivalent Test Circuit
FIGURE 1: Delay and Rise Time Equivalent Test Circuit
NPN General Purpose Amplifier
(continued)
2N3904/MMBT3904/PZT3904
Web Site:
WWW.PS-PFS.COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com