Electronic Components Datasheet Search
  English  ▼

X  

R8CL35C Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R8CL35C
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL35C Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R8CL35C Datasheet HTML 55Page - Renesas Technology Corp R8CL35C Datasheet HTML 56Page - Renesas Technology Corp R8CL35C Datasheet HTML 57Page - Renesas Technology Corp R8CL35C Datasheet HTML 58Page - Renesas Technology Corp R8CL35C Datasheet HTML 59Page - Renesas Technology Corp R8CL35C Datasheet HTML 60Page - Renesas Technology Corp R8CL35C Datasheet HTML 61Page - Renesas Technology Corp R8CL35C Datasheet HTML 62Page - Renesas Technology Corp R8CL35C Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
REJ03B0293-0100 Rev.1.00
Page 59 of 72
Jun 25, 2010
Notes:
1.
Vcc = 2.7 V to 4.0 V, single chip mode, output pins are open, and other pins are Vss.
2.
XIN is set to square wave input.
3.
Vcc = 3.0 V
4.
VLCD = Vcc, external division resistors are used for VL4 to VL1, 1/3 bias, 1/4 duty, f(FR) = 64 Hz, SEG0 to SEG55 are selected, and segment
and common output pins are open. The standard value does not include the current that flows through external division resistors.
5.
The internal voltage multiplier is used, bits LVLS3 to LVLS0 in the LCR1 register = 1011b, 1/3 bias, 1/4 duty, f(FR) = 64 Hz, SEG0 to SEG55
are selected, and segment and common output pins are open.
Table 5.20
DC Characteristics (4) [2.7 V
≤ Vcc < 4.0 V]
(Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.)
Symbol Parameter
Condition
Standard
Unit
Oscillation
Circuit
On-Chip
Oscillator
CPU
Clock
Low-Power-
Consumption
Setting
Other
Min. Typ.
(3)
Max
.
XIN
(2)
XCIN
High-
Speed
Low-
Speed
ICC
Power
supply
current (1)
High-
speed
clock
mode
20
MHz
Off
Off
125
kHz
No
division
——
7.0 14.5 mA
10
MHz
Off
Off
125
kHz
No
division
——
3.6
10
mA
20
MHz
Off
Off
125
kHz
Divide-
by-8
——
3.0
—
mA
10
MHz
Off
Off
125
kHz
Divide-
by-8
——
1.5
—
mA
High-
speed
on-chip
oscillator
mode
Off
Off
20 MHz
125
kHz
No
division
——
7.0 14.5 mA
Off
Off
20 MHz
125
kHz
Divide-
by-8
——
3.0
—
mA
Off
Off
10 MHz
125
kHz
No
division
——
4.0
—
mA
Off
Off
10 MHz
125
kHz
Divide-
by-8
——
1.7
—
mA
Off
Off
4 MHz
125
kHz
Divide-
by-16
MSTIIC = 1
MSTTRD = 1
MSTTRC = 1
MSTTRG = 1
—1
—
mA
Low-
speed
on-chip
oscillator
mode
Off
Off
Off
125
kHz
Divide-
by-8
FMR27 = 1
VCA20 = 0
—
85 390
µA
Low-
speed
clock
mode
Off
32
kHz
Off
Off
No
division
FMR27 = 1
VCA20 = 0
—
90 400
µA
Off
32
kHz
Off
Off
No
division
FMSTP = 1
VCA20 = 0
Flash memory off
Program operation on RAM
—50—
µA
Wait
mode
Off
Off
Off
125
kHz
—VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
While a WAIT instruction is executed
Peripheral clock operation
—15
90
µA
Off
Off
Off
125
kHz
—VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 1
While a WAIT instruction is executed
Peripheral clock off
—5
80
µA
Off
32
kHz
Off
Off
—
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 0
While a WAIT
instruction is
executed
Peripheral clock off
Timer RE operation
in real-time clock
mode
LCD drive control
circuit (4)
When external division
resistors are used
—5
—
µA
LCD drive control
circuit (5)
When the internal
voltage multiplier is
used
—11
—
µA
Off
32
kHz
Off
Off
—
VCA27 = 0
VCA26 = 0
VCA25 = 0
VCA20 = 1
CM02 = 1
CM01 = 1
While a WAIT instruction is executed
Peripheral clock off
Timer RE operation in real-time clock mode
—3.5
—
µA
Stop
mode
Off
Off
Off
Off
—
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 25
°C
Peripheral clock off
—2
5.0
µA
Off
Off
Off
Off
—
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 85
°C
Peripheral clock off
— 13.0 —
µA
Power-
off mode
Off
Off
Off
Off
—
—
Topr = 25
°C
— 0.02 0.2
µA
Off
Off
Off
Off
—
—
Topr = 85
°C—
0.3
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com