Electronic Components Datasheet Search
  English  ▼

X  

R8CL35C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R8CL35C
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL35C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R8CL35C Datasheet HTML 3Page - Renesas Technology Corp R8CL35C Datasheet HTML 4Page - Renesas Technology Corp R8CL35C Datasheet HTML 5Page - Renesas Technology Corp R8CL35C Datasheet HTML 6Page - Renesas Technology Corp R8CL35C Datasheet HTML 7Page - Renesas Technology Corp R8CL35C Datasheet HTML 8Page - Renesas Technology Corp R8CL35C Datasheet HTML 9Page - Renesas Technology Corp R8CL35C Datasheet HTML 10Page - Renesas Technology Corp R8CL35C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
REJ03B0293-0100 Rev.1.00
Page 7 of 72
Jun 25, 2010
1.2
Product Lists
Tables 1.7 to 1.10 list Product List for Each Group. Figures 1.1 to 1.4 show the Correspondence of Part No., with
Memory Size and Package for Each Group.
Table 1.7
Product List for R8C/L35C Group
Current of Jun 2010
Figure 1.1
Correspondence of Part No., with Memory Size and Package of R8C/L35C Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L357CNFP
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
N Version
R5F2L358CNFP
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35ACNFP
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CCNFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L357CDFP
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
D Version
R5F2L358CDFP
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35ACDFP
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CCDFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
Part No. R 5 F 2L 35 C C N FP
Package type:
FP: LQFP (0.65 mm pin pitch)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L35C Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com