Electronic Components Datasheet Search
  English  ▼

X  

R8CL36C Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R8CL36C
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL36C Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R8CL36C Datasheet HTML 51Page - Renesas Technology Corp R8CL36C Datasheet HTML 52Page - Renesas Technology Corp R8CL36C Datasheet HTML 53Page - Renesas Technology Corp R8CL36C Datasheet HTML 54Page - Renesas Technology Corp R8CL36C Datasheet HTML 55Page - Renesas Technology Corp R8CL36C Datasheet HTML 56Page - Renesas Technology Corp R8CL36C Datasheet HTML 57Page - Renesas Technology Corp R8CL36C Datasheet HTML 58Page - Renesas Technology Corp R8CL36C Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
REJ03B0293-0100 Rev.1.00
Page 55 of 72
Jun 25, 2010
Notes:
1. The voltage is selected with bits LVLS0 to LVLS3 in the LCR1 register.
2. Refer to Table 5.18 DC Characteristics (2), Table 5.20 DC Characteristics (4), and Table 5.22 DC Characteristics (6).
3. The VL1 voltage should be VCC or below.
Table 5.15
LCD Drive Control Circuit Characteristics
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version) / −40 to 85°C
(D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VLCD
LCD power supply voltage
VLCD = VL4
2.2
—
5.5
V
VL3
VL3 voltage
VL2
—
VL4
V
VL2
VL2 voltage
R8C/L35C
VL1
—
VL4
V
R8C/L36C, R8C/L38C, R8C/L3AC
VL1
—
VL3
V
VL1
VL1 voltage
1—
VL2 (3)
V
—
VL1 internally-generated voltage accuracy
(1)
Setting
voltage
−0.2
Setting
voltage
Setting
voltage
+0.2
V
f(FR)
Frame frequency
50
—
180
Hz
ILCD
LCD drive control circuit current
—
(Note 2)
—
µA
Table 5.16
Power-Off Mode Characteristics
(VCC = 2.2 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version) / −40 to 85°C
(D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
Power-off mode operating supply voltage
2.2
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com