Electronic Components Datasheet Search
  English  ▼

X  

R8CL36C Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R8CL36C
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL36C Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R8CL36C Datasheet HTML 64Page - Renesas Technology Corp R8CL36C Datasheet HTML 65Page - Renesas Technology Corp R8CL36C Datasheet HTML 66Page - Renesas Technology Corp R8CL36C Datasheet HTML 67Page - Renesas Technology Corp R8CL36C Datasheet HTML 68Page - Renesas Technology Corp R8CL36C Datasheet HTML 69Page - Renesas Technology Corp R8CL36C Datasheet HTML 70Page - Renesas Technology Corp R8CL36C Datasheet HTML 71Page - Renesas Technology Corp R8CL36C Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
REJ03B0293-0100 Rev.1.00
Page 68 of 72
Jun 25, 2010
i = 0 to 2
Figure 5.10
Input and Output Timing of Serial Interface
Notes:
1. When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
2. When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
Figure 5.11
Input Timing of External Interrupt INTi and Key Input Interrupt KIi
Table 5.27
Timing Requirements of Serial Interface
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version),
unless otherwise specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°CVCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(CK)
CLKi input cycle time
800
—
300
—
200
—
ns
tW(CKH)
CLKi input “H” width
400
—
150
—
100
—
ns
tW(CKL)
CLKi input “L” width
400
—
150
—
100
—
ns
td(C-Q)
TXDi output delay time
—
200
—
80
—
50
ns
th(C-Q)
TXDi hold time
0
—
0
—
0
—
ns
tsu(D-C)
RXDi input setup time
150
—
70
—
50
—
ns
th(C-D)
RXDi input hold time
90
—
90
—
90
—
ns
Table 5.28
Timing Requirements of External Interrupt INTi (i = 0 to 7) and Key Input Interrupt KIi
(i = 0 to 7)
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version),
unless otherwise specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°CVCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tW(INH)
INTi input “H” width, KIi input “H” width
1000 (1)
—
380 (1)
—
250 (1)
—
ns
tW(INL)
INTi input “L” width, KIi input “L” width
1000 (2)
—
380 (2)
—
250 (2)
—
ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi
i = 0 to 2
INTi input
(i = 0 to 7)
tW(INL)
tW(INH)
KIi input
(i = 0 to 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com