Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 153
Description  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

153 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 153 Datasheet HTML 102Page - Renesas Technology Corp 153 Datasheet HTML 103Page - Renesas Technology Corp 153 Datasheet HTML 104Page - Renesas Technology Corp 153 Datasheet HTML 105Page - Renesas Technology Corp 153 Datasheet HTML 106Page - Renesas Technology Corp 153 Datasheet HTML 107Page - Renesas Technology Corp 153 Datasheet HTML 108Page - Renesas Technology Corp 153 Datasheet HTML 109Page - Renesas Technology Corp 153 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 106 of 144
Sep 06, 2010
R32C/153 Group
4. Special Function Registers (SFRs)
Table 4.87
SFR List (87)
Address
Register
Symbol
Reset Value
047F40h CAN0 Control Register
C0CTLR
0000 0101b
047F41h
0000 0000b
047F42h CAN0 Status Register
C0STR
0000 0101b
047F43h
0000 0000b
047F44h CAN0 Bit Configuration Register
C0BCR
00 0000h
047F45h
047F46h
047F47h CAN0 Clock Select Register
C0CLKR
000X 0000b
047F48h CAN0 Receive FIFO Control Register
C0RFCR
1000 0000b
047F49h CAN0 Receive FIFO Pointer Control Register
C0RFPCR
XXh
047F4Ah CAN0 Transmit FIFO Control Register
C0TFCR
1000 0000b
047F4Bh CAN0 Transmit FIFO Pointer Control Register
C0TFPCR
XXh
047F4Ch CAN0 Error Interrupt Enable Register
C0EIER
00h
047F4Dh CAN0 Error Interrupt Factor Judge Register
C0EIFR
00h
047F4Eh CAN0 Receive Error Count Register
C0RECR
00h
047F4Fh CAN0 Transmit Error Count Register
C0TECR
00h
047F50h CAN0 Error Code Store Register
C0ECSR
00h
047F51h CAN0 Channel Search Support Register
C0CSSR
XXh
047F52h CAN0 Mailbox Search Status Register
C0MSSR
1000 0000b
047F53h CAN0 Mailbox Search Mode Register
C0MSMR
XXXX XX00b
047F54h CAN0 Time Stamp Register
C0TSR
0000h
047F55h
047F56h CAN0 Acceptance Filter Support Register
C0AFSR
XXXXh
047F57h
047F58h CAN0 Test Control Register
C0TCR
00h
047F59h
047F5Ah
047F5Bh
047F5Ch
047F5Dh
047F5Eh
047F5Fh
047F60h to
047FFFh
048000h to
04FFFFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com