Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 153
Description  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

153 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 153 Datasheet HTML 105Page - Renesas Technology Corp 153 Datasheet HTML 106Page - Renesas Technology Corp 153 Datasheet HTML 107Page - Renesas Technology Corp 153 Datasheet HTML 108Page - Renesas Technology Corp 153 Datasheet HTML 109Page - Renesas Technology Corp 153 Datasheet HTML 110Page - Renesas Technology Corp 153 Datasheet HTML 111Page - Renesas Technology Corp 153 Datasheet HTML 112Page - Renesas Technology Corp 153 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 109 of 144
Sep 06, 2010
R32C/153 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
This value should be satisfied with due consideration of every condition as follows: operating
temperature, DC bias, aging, etc.
Table 5.3
Operating Conditions (2/6)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value (2)
Unit
Min. Typ. Max.
CVDC
Decoupling capacitance for voltage
regulator
Inter-pin voltage: 1.5 V
2.4
10.0
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com