Electronic Components Datasheet Search
  English  ▼

X  

2SD2579 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD2579
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2579 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD2579 Datasheet HTML 1Page - Sanyo Semicon Device 2SD2579 Datasheet HTML 2Page - Sanyo Semicon Device 2SD2579 Datasheet HTML 3Page - Sanyo Semicon Device 2SD2579 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.5795-2/4
2SD2579
VCE=5V
25˚C
-40˚C
25˚C
120˚C
Ta = -40˚C
Ta = 120˚C
IC/ IB=5
IB= 0
VCE=5V
2.0A
0.2A
0.4A
0.6A
0.8A
1.0A
1.2A
1.4A 1.6A
1.8A
0
0123456789
10
1
2
3
4
5
6
7
8
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
3
4
5
6
7
8
9
1.0
0.1
1.0
10
10
7
7
2
3
5
2
3
5
7
7
1.0
2
3
5
2
3
5
7
7
0.1
3
5
7
23
5
7
2
3
5
7
0.1
1.0
10
72
3
5
72
3
5
7
hFE - I C
I C - VCE
I C - VBE
VCE(sat) - I C
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
IB1
IB2
PW=20
µs
DC
≤1%
INPUT
OUTPUT
50
Ω
VR
RB
RL=50Ω
100
µF
470
µF
VBE=–2V
VCC=200V
+
+
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
5
=
B
A
1
=5
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
5
=
B
A
1
=5
.
1V
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
1
=0
25
3
h E
F 2V E
C
I
,
V
5
=
C
A
5
=5
8
e
m
i
T
ll
a
Ftf
IC
I
,
A
4
=
1
B
I
,
A
8
.
0
=
2
B
A
6
.
1
–
=3
.
0s
µ
Continued from preceding page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com