Electronic Components Datasheet Search
  English  ▼

X  

2SD2579 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD2579
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2579 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD2579 Datasheet HTML 1Page - Sanyo Semicon Device 2SD2579 Datasheet HTML 2Page - Sanyo Semicon Device 2SD2579 Datasheet HTML 3Page - Sanyo Semicon Device 2SD2579 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5795-3/4
2SD2579
7
L = 500
µH
IB2= -2A
Tc = 25˚C
1 pulse
Tc = 25˚C
1 pulse
VCC= 200V
IC=4A
IB1=0.8A
R load
tf
VCC= 200V
IC/ IB1=5
IB2/ IB1=2
R load
tf
tstg
I C
I CP
P
C =60W
tstg
10
100
0.1
2
3
5
7
1.0
2
3
5
2
3
5
2
3
5
7
10
7
57
2
3
5
7
1000
23
5
7
0.1
2
3
5
1.0
7
2
3
5
2
3
5
10
7
100
57
1000
23
5
2
3
7
0.1
1.0
10
7
2
35
7
2
3
5
7
0.1
1.0
23
5
7
2
3
5
7
1.0
2
3
5
2
3
5
7
7
0.1
7
1.0
2
3
5
7
10
2
3
5
7
0.1
7
Forward Bias A S O
SW Time - I C
SW Time - I B2
Reverse Bias A S O
C
C
Collector-to-Emitter Voltage, VCE –V
Base Current, IB2 –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
20
40
80
60
0
1
2
3
4
PC - Ta
PC - Tc
No
heat
sink
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com