Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 1 Page - Linear Technology

  LT3748 Datasheet HTML 1Page - Linear Technology LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3748

3748f
Features
applications
Description
100V Isolated
Flyback Controller
TheLT®3748isaswitchingregulatorcontrollerspecifically
designed for the isolated flyback topology and capable of
high power. It drives a low side external N-channel power
MOSFET from an internally regulated 7V supply. No third
winding or opto-isolator is required for regulation as the
part senses the isolated output voltage directly from the
primary-side flyback waveform.
The LT3748 utilizes boundary mode to provide a small
magnetic solution without compromising load regulation.
Operatingfrequencyissetbyloadcurrentandtransformer
magnetizing inductance. The gate drive of the LT3748
combined with a suitable external MOSFET allow it to
deliver load power up to several tens of watts from input
voltages as high as 100V.
The LT3748 is available in a high voltage 16-lead MSOP
package with four leads removed.
25W, 12V Output, Isolated Telecom Supply
n
5V to 100V Input Voltage Range
n
1.9A Average Gate Drive Source and Sink Current
n
Boundary Mode Operation
n
No Transformer Third Winding or Opto-Isolator
Required for Regulation
n
Primary-Side Winding Feedback Load Regulation
n
VOUT Set with Two External Resistors
n
INTVCC Pin for Control of Gate Driver Voltage
n
Programmable Soft Start
n
Programmable Undervoltage Lockout
n
Available in MSOP Package
n
Isolated Telecom Converters
n
High Power Automotive Supplies
n
Isolated Industrial Power Supplies
Output Load and Line Regulation
typical application
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5438499 and 7471522.
EN/UVLO
TC
SS
RFB
RREF
VC
GND
INTVCC
LT3748
3748 TA01a
56.2k
2nF
VIN
36V TO 72V
VOUT+
12V
2A
VOUT–
VIN
4:1
412k
15.4k
10µF
3.8µH
60.8µH
100µF
GATE
SENSE
4700pF
4.7µF
6.04k
243k
0.033
10k
LOAD CURRENT (A)
0
11.4
11.6
11.8
12.0
12.2
14.4
12.6
0.5
1.0
1.5
2.0
3748 TA01b
VIN = 72V
VIN = 48V
VIN = 36V


Similar Part No. - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748 Datasheet
290Kb / 30P
100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3748 LINER-LT3748 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3748 LINER-LT3748 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3748 LINER-LT3748 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1737 LINER-LT1737 Datasheet
320Kb / 28P
High Power Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
General Purpose Isolated Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LT3748 LINER-LT3748_1 Datasheet
290Kb / 30P
100V Isolated Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
General Purpose Isolated Flyback Controller
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
High Power Isolated Flyback Controller
LT3748 LINER-LT3748_15 Datasheet
534Kb / 34P
100V Isolated Flyback Controller
logo
Sumida Corporation
10393-T029 SUMIDA-10393-T029 Datasheet
451Kb / 2P
Boundary Mode Flyback Transformer for 100V Isolated Flyback Controller of Linear
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
Isolated Synchronous Flyback Controller
4/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com