Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3748 Datasheet HTML 15Page - Linear Technology LT3748 Datasheet HTML 16Page - Linear Technology LT3748 Datasheet HTML 17Page - Linear Technology LT3748 Datasheet HTML 18Page - Linear Technology LT3748 Datasheet HTML 19Page - Linear Technology LT3748 Datasheet HTML 20Page - Linear Technology LT3748 Datasheet HTML 21Page - Linear Technology LT3748 Datasheet HTML 22Page - Linear Technology LT3748 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3748

3748f
applications inForMation
selected MOSFET switch at the expected VIN and INTVCC
voltages and multiply that charge required with each
turn-on event by the maximum operating frequency. The
maximum operating frequency in a given application can
beapproximatedfromtheprimarytransformerinductance,
the windings ratio (NPS), the nominal output voltage and
the maximum input voltage. Unless the part is limited by
minimum on- or off-times, this maximum frequency will
occur when the part is regulating in boundary mode at the
minimum peak switch current, and can be derived from:
f
V
V
V
N
L
I
SW MAX
IN MAX
OUT
F DIODE
PS
PRI LIM
(
)
(
)
(
)
•
•
•
≈
+
(
)
((
)
(
)
(
)
•
•
MIN
OUT
F DIODE
PS
IN MAX
V
V
N
V
+
+
(
)
WiththemaximumINTVCCcurrentcalculated,theexpected
dropout when VIN drops below 7V can be extracted from
thecurvesintheTypicalPerformanceCharacteristicssec-
tion. The LT3748 is tested as low as VIN = 5V but the hard
limit on minimum VIN operation is the INTVCC regulator
dropout and the 3.6V under voltage lockout. Figure 12
illustrates an example where operation with VIN = 5V
and IINTVCC = 20mA might be fully functional at room
temperature, but when the dropout for the same current
exceeds 1.4V and trips the UVLO at higher temperatures
the LT3748 will stop switching.
Overdriving INTVCC with a Third Winding
The LT3748 provides excellent output voltage regulation
without the need for an opto-coupler or third winding,
but for some applications with input voltages greater than
20V, an additional winding may improve overall system
efficiency. The third winding should be designed to out-
put a voltage between 7.2V and 20V. For a typical 48VIN,
10W application, overdriving the INTVCC pin may improve
efficiency by several percent at maximum load and as
much as 30% at light loads.
Loop Compensation
The LT3748 is compensated using an external resistor-
capacitor network on the VC pin. Typical values are in the
range of RC = 50k and CC = 1nF (see the numerous sche-
maticsintheTypicalApplicationssectionforotherpossible
values). If too large of an RC value is used, the part will be
more susceptible to high frequency noise and jitter. If too
small of an RCvalueisused,thetransientperformancewill
suffer. The value choice for CC is somewhat the inverse
of the RC choice: if too small a CC value is used, the loop
may be unstable and if too large a CC value is used, the
transient performance will also suffer. Transient response
plays an important role for any DC/DC converter.
LT3748
3.6V < BIAS < 20V,
VIN > BIAS
5V TO 100V
INTVCC
VIN
3748 F09
EXTERNAL SUPPLY
OR THIRD WINDING
LDO
LT3748
(VIN – DROPOUT) TO 7V
5V TO 100V
INTVCC
VIN
LDO
LT3748
5V TO 20V
INTVCC
VIN
OPTIONAL
LDO
Figure 11. INTVCC Pin Configurations
TEMPERATURE ( C)
–50
0
0.5
1.0
1.5
2.0
0
50
100
150
3748 F12
2.5
3.0
–25
25
75
125
VIN = 5V
INTVCC UVLO = 3.6V
IINTVCC = 20mA
Figure 12. INTVCC Current at Low VIN Can Cause the LT3748 to
Stop Switching Due to INTVCC Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com