Electronic Components Datasheet Search
  English  ▼

X  

LT3748IMSPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT3748IMSPBF
Description  100V Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748IMSPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3748IMSPBF Datasheet HTML 10Page - Linear Technology LT3748IMSPBF Datasheet HTML 11Page - Linear Technology LT3748IMSPBF Datasheet HTML 12Page - Linear Technology LT3748IMSPBF Datasheet HTML 13Page - Linear Technology LT3748IMSPBF Datasheet HTML 14Page - Linear Technology LT3748IMSPBF Datasheet HTML 15Page - Linear Technology LT3748IMSPBF Datasheet HTML 16Page - Linear Technology LT3748IMSPBF Datasheet HTML 17Page - Linear Technology LT3748IMSPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3748

3748f
applications inForMation
the output voltage multiplied by the windings ratio plus
some amount of overshoot caused by leakage inductance.
Second, increasing the turns ratio will increase the peak
current seen on the output diode generally increasing the
RMS diode current thereby lowering the efficiency. This
efficiencylimitationisworseatloweroutputvoltageswhen
the diode forward voltage is significant compared to the
output voltage. In a typical application such as the 5V, 2A
output shown on the back page, the diode losses dominate
all the other losses, as shown in Figure 4. To calculate
RMS diode current, two equations are needed—the first
for calculating duty cycle, D, and the second to calculate
the RMS current of a triangle waveform:
D
V
V
N
V
V
V
N
I
OUT
F DODE
PS
IN
OUT
F DIODE
PS
D
=
+
(
)
+
+
(
)
(
)
(
)
•
•
IIODE RMS
LIM
PS
I
N
D
(
)
•
• –
= (
) ( )
2
1
3
For a more general analysis, Figure 5 illustrates a sweep
of windings ratio on the x-axis while comparing output
power and estimated efficiency for a 5V output using a
48V input. If the desired application required 20W, the
maximum power curve indicates that a winding ratio of
12:1 would be sufficient at a current limit of 2A (RSENSE =
0.05Ω),whileawindingratioof5:1woulddeliverthesame
power at 3A. However, when examining the corresponding
efficiency at max load for those two windings ratios and
current limits, the 5:1, 3A selection is clearly the superior
solution with an estimated efficiency of 85% compared to
78% for the 12:1, 2A application.
There are several caveats to this evaluation. First, as the
diode forward voltage becomes a smaller percentage of
totallossathigheroutputvoltages(>12V)theRMScurrent
becomes less of a concern and minimizing it will have a
much smaller impact on efficiency. More significantly, if
a lower turns ratio forces the use of a diode with a larger
forward drop to obtain a higher reverse voltage rating,
any gains from minimizing current might be lost. For low
outputvoltages(3.3Vor5V)orhighinputvoltages(>48V),
a turns ratio greater than one can be used with multiple
primary windings relative to the secondary to maximize
the transformer’s current gain.
INPUT VOLTAGE (V)
0
15
20
25
80
3748 F03
10
5
0
20
40
60
100
NPS = 2:1
ILIM = 3A
NPS = 3:1
ILIM = 2A
NPS = 6:1
ILIM = 1A
IOUT (A)
0.2A MIN
70
75
80
85
90
100
2A MAX
3748 F03
95
VIN = 12V
DOUT
fSW • QG + IQ
TRANSFORMER I • R + LEAKAGE
FET RDS(ON)
NPS
0
75
80
85
9
15
3748 F05
70
65
60
3
6
12
90
95
100
12
16
20
8
4
0
24
28
32
18
ILIM = 3A
ILIM = 2A
EFFICIENCY
OUTPUT
POWER
Figure 3. Maximum Output Power at 12V Out Using Three
Transformers with Equal Peak Output Current and Secondary
Inductance
Figure 4. Sources of Loss In 5V, 2A Out Typical Application
Figure 5. Estimated Efficiency and Output Power at 5VOUT from
48VIN vs Windings Ratio, NPS, at 2A and 3A Current Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com