Electronic Components Datasheet Search
  English  ▼

X  

LT3748IMSPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LT3748IMSPBF
Description  100V Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748IMSPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3748IMSPBF Datasheet HTML 20Page - Linear Technology LT3748IMSPBF Datasheet HTML 21Page - Linear Technology LT3748IMSPBF Datasheet HTML 22Page - Linear Technology LT3748IMSPBF Datasheet HTML 23Page - Linear Technology LT3748IMSPBF Datasheet HTML 24Page - Linear Technology LT3748IMSPBF Datasheet HTML 25Page - Linear Technology LT3748IMSPBF Datasheet HTML 26Page - Linear Technology LT3748IMSPBF Datasheet HTML 27Page - Linear Technology LT3748IMSPBF Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3748

3748f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0710 • PRINTED IN USA
relateD parts
typical application
5V, 2A Output from Automotive Input with Continuous Operation from 6V to 45V
EN/UVLO
TC
SS
RFB
RREF
VC
GND
INTVCC
LT3748
3748 TA02
34.8k
2nF
VIN
12V TYP
VOUT+
5V, 2A
50mVP-P
RIPPLE
VOUT–
VIN
T1
2:1
D1
D2
825k
215k
10µF
8.3µH
GATE
SENSE
100µF
10V
2.2nF
4.7µF
6.04k
52.3k
0.016
D1: DIODES INC. SBR8U60P5
D2: DIODES INC. BZT52C5V6
M1: Si7738DP
T1: PULSE PA3177NL
M1
25k
PART NUMBER
DESCRIPTION
COMMENTS
LT3573
40V Isolated Flyback Converter
Monolithic No-Opto Flyback with Integrated 1.25A, 60V Switch
LT3574/LT3575
40V Isolated Flyback Converters
Monolithic No-Opto Flybacks with Integrated 0.65A / 2.5A 60V Switch
LT3757/LT3758
40V/100V Flyback, Boost Controllers
Universal Controllers with Small Package and Powerful Gate Drive
LT3957/LT3958
40V/100V Flyback, Boost Converters
Monolithic with Integrated 5A/3.3A Switch
LT1725
20V Isolated Flyback Controller
Controller with Load Compensation Circuitry
LT1737
20V Isolated Flyback Controller
No Opto-Isolator or Third Winding Required, Up to 50W Output
LTC®3803/LTC3803-3
LTC3803-5
200kHz/300kHz Flyback DC/DC Controllers
VIN and VOUT Limited Only by External Components
LTC3805/LTC3805-5 Adjustable Frequency Flyback Controllers
VIN and VOUT Limited Only by External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com