Electronic Components Datasheet Search
  English  ▼

X  

SST25WF020 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST25WF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF020 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST25WF020 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 32Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
29
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
PRODUCT ORDERING INFORMATION
Valid combinations for SST25WF512
SST25WF512-40-5I-SAF
Valid combinations for SST25WF010
SST25WF010-40-5I-SAF
Valid combinations for SST25WF020
SST25WF020-40-5I-SAF
SST25WF020-40-5I-QAE
Valid combinations for SST25WF040
SST25WF040-40-5I-SAF
SST25WF040-40-5I-QAE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
SST
25
WF
XXX
- 40
-
5I - SA
F
XX
XXXXX
-XX
-XX -XX
X
Environmental Attribute
E1 = non-Pb
F2 = non-Pb / non-Sn contact (lead) finish:
Nickel plating with Gold top (outer) layer
Package Modifier
A = 8 leads
Package Type
Q= WSON
S = SOIC 150 mil body width
Temperature Range
I = Industrial = -40°C to +85°C
Minimum Endurance
5 = 100,000 cycles
Operating Frequency
40 = 40 MHz
Device Density
512 = 512 Kbit
010 = 1 Mbit
020 = 2 Mbit
040 = 4 Mbit
Voltage
W= 1.65-1.95V
Product Series
25 = Serial Peripheral Interface flash memory
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.
2. Environmental suffix “F” denotes non-Pb/non-SN solder.
SST non-Pb/non-Sn solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com