Electronic Components Datasheet Search
  English  ▼

X  

BZX84C2V4 Datasheet(PDF) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZX84C2V4
Description  350mW Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BZX84C2V4 Datasheet(HTML) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BZX84C2V4 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 5Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
350mW Surface Mount Zener Diode
BZX84C2V4-BZX84C51
3
Zerner Voltage Range
Maximum Zener
Impedance
Maximum
Reverse
Current
Typical
Temperature
Coefficient @IZT
mV/℃
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IR
VR
Type
Number
Marking
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(Ω)
(mA)
(μA)
(V)
Min
Max
BZX84C12
Y2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
Y3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
Y4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
Y8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
Y9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
Y10
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
Y11
30
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33
Y12
33
31.0
35.0
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
Y13
36
34.0
38.0
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
Y14
39
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
BZX84C43
Y15
43
40.0
46.0
2.0
150
375
0.5
0.1
30.1
10.0
12.0
BZX84C47
Y16
47
44.0
50.0
2.0
170
375
0.5
0.1
32.9
10.0
12.0
BZX84C51
Y17
51
48.0
54.0
2.0
180
400
0.5
0.1
35.7
10.0
12.0
Website: www.ps-pfs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com