Electronic Components Datasheet Search
  English  ▼

X  

BZX84C2V4 Datasheet(PDF) 5 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZX84C2V4
Description  350mW Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BZX84C2V4 Datasheet(HTML) 5 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BZX84C2V4 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C2V4 Datasheet HTML 5Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
350mW Surface Mount Zener Diode
BZX84C2V4-BZX84C51
5
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BZX84C2V4-BZX84C51
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
Website: www.ps-pfs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com