Electronic Components Datasheet Search
  English  ▼

X  

DAC1280 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1280
Description  Very Low Distortion Digital-to-Analog Converter for Seismic Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC1280 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC1280 Datasheet HTML 12Page - Texas Instruments DAC1280 Datasheet HTML 13Page - Texas Instruments DAC1280 Datasheet HTML 14Page - Texas Instruments DAC1280 Datasheet HTML 15Page - Texas Instruments DAC1280 Datasheet HTML 16Page - Texas Instruments DAC1280 Datasheet HTML 17Page - Texas Instruments DAC1280 Datasheet HTML 18Page - Texas Instruments DAC1280 Datasheet HTML 19Page - Texas Instruments DAC1280 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Time (50 s/div)
m
LARGE-SIGNAL STEP RESPONSE
V
OUT
Input Step
125
120
115
110
105
100
95
-36
-30
-24
-18
-12
-6
0
Gain (dB)
SNR vs OUTPUT AMPLITUDE
R
= 2kW
I/V
R
= 1kW
I/V
R
= 500W
I/V
0
10
20
30
40
50
60
-
-
-
-
-
-
0
5
10
15
20
25
30
35
40
45
50
Output Frequency (kHz)
CLK = 4.096MHz
Excludes I/V Filter Rolloff
OUTPUT FREQUENCY RESPONSE
DAC1280
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
www.ti.com
If desired, SNR can be improved by decreasing the
settling, the I/V filter network is also settling. The
2k
Ω
I/V
feedback
resistors
and
then
applying
suggested I/V RC components (R = 2k
Ω, C = 1nF)
correspondingly higher DAC1280 gains. Decreasing
result in an I/V time constant of approximately 2ms.
the resistor values results in a decrease of the
Figure 32 shows the composite step response of the
maximum output amplitude as shown in Figure 31,
circuit in Figure 35.
SNR versus output amplitude for I/V resistor values of
2k
Ω, 1kΩ, and 500Ω. If decreasing the I/V feedback
resistor, increase the I/V capacitor proportionally to
maintain the same low-pass corner frequency.
Figure 32. DAC1280 Large-Signal Step Response
(Noise Removed for Clarity)
Frequency Response
Figure 31. SNR vs Output Amplitude
The DAC1280 low-pass filters the bitstream input,
resulting in a sinc2 frequency response profile with
the first notch (zero) located at fCLK/160 (25.6kHz with
DC Noise
CLK = 4.096MHz). However, the aspect of noise
shaping of the digital modulator may result in rising
DC noise is measured by the ADS1282 with the
noise versus frequency. This rising noise may limit
circuit configuration of Figure 35. The measurement
the usable bandwidth to less than the DAC inherent
bandwidth is 413Hz and the ADC is set to a
bandwidth.
Figure
33
illustrates
the
DAC1280
complementing gain. The measurement is taken with
frequency response.
a 50% 1s density input that results in a 0V differential
signal output. DC noise is the standard deviation
(RMS, referred to output).
Total Harmonic Distortion (THD)
The DAC1280 achieves excellent THD performance.
THD was characterized using the circuit shown in
Figure 35 and the ADS1282 with complementary
ADC gain settings for each DAC gain. Note that a
low-distortion
op
amp
for
current-to-voltage
conversion (such as the OPA211) is essential in
order to achieve rated performance.
Settling Time
The settling time of the DAC1280 resulting from a
step input change consists of the DAC1280 settling
time and the I/V filter settling time. Other filter
components used in the DAC signal path may also
Figure 33. Output Frequency Response
add to the settling time.
When a step input is applied to TDATA, the DAC
output begins to change. The DAC completely settles
in 78ms (CLK = 4.096MHz). As the DAC output is
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com