Electronic Components Datasheet Search
  English  ▼

X  

DAC1280 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1280
Description  Very Low Distortion Digital-to-Analog Converter for Seismic Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC1280 Datasheet(HTML) 3 Page - Texas Instruments

  DAC1280 Datasheet HTML 1Page - Texas Instruments DAC1280 Datasheet HTML 2Page - Texas Instruments DAC1280 Datasheet HTML 3Page - Texas Instruments DAC1280 Datasheet HTML 4Page - Texas Instruments DAC1280 Datasheet HTML 5Page - Texas Instruments DAC1280 Datasheet HTML 6Page - Texas Instruments DAC1280 Datasheet HTML 7Page - Texas Instruments DAC1280 Datasheet HTML 8Page - Texas Instruments DAC1280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
V
R
REF
REF
· Gain;
= 5V,
= 30k
nominal
W
V
R
REF
REF
I
= IOUTP
IOUTN = 7.5
FS
-
±
·
DAC1280
www.ti.com
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications at –40°C to +85°C, typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD =
3.3V, CLK = 4.096MHz, VREF = 5V, and RREF = 30kΩ, unless otherwise noted. Refer to circuit configuration shown in
Figure 35.
DAC1280
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUTS
Full-scale output current
IFS = (IOUTP – IOUTN)
(1)
Gain = 1/1 to 1/64
±1250
● Gain
mA
Output common-mode voltage(2)
– 0.15
0
+ 0.15
V
DC PERFORMANCE(3)
Gain error
Gain = 1/1
±0.02
±0.25
%
Gain match
Relative to Gain = 1/1
±0.1
±0.5
%
Gain drift(4)
4
ppm/°C
Offset
Gain = 1/1 to 1/64
±50
±800
ppm of FS
Offset drift(4)
0.2
ppm of FS/°C
Gain = 1/1
1.2
mVRMS
Gain = 1/2
1.4
mVRMS
Gain = 1/4
1.8
mVRMS
DC noise(5)
Gain = 1/8
2.9
mVRMS
Gain = 1/16
5.5
mVRMS
Gain = 1/32
10
mVRMS
Gain = 1/64
19
mVRMS
AC PERFORMANCE
Gain = 1/1
–125
–118
dB
Gain = 1/2, 1/4, 1/8
–125
dB
Total harmonic
THD
Gain = 1/16
–124
dB
distortion(6)
Gain = 1/32
–118
dB
Gain = 1/64
–113
dB
Gain = 1/1
116
120
dB
Gain = 1/2
119
dB
Gain = 1/4
117
dB
Signal-to-noise ratio(7)
SNR
Gain = 1/8
114
dB
Gain = 1/16
109
dB
Gain = 1/32
105
dB
Gain = 1/64
99
dB
AVDD, AVSS
60Hz ac, gain = 1/8
85
dB
Power-supply rejection
PSR
DVDD
60Hz ac
115
dB
–3dB bandwidth
8.2
kHz
REFERENCE VOLTAGE INPUT (VREF)
Reference voltage
VREF = VREF – AVSS
2.4
5
AVDD + 0.25
V
Operating
220
k
Ω
Input impedance
Power-down
10
M
Ω
(1)
TDATA modulated 75% and 25% yielding positive full-scale output and negative full-scale output, respectively. Full-scale positive and
negative output current is given by:
Gain can be trimmed by adjusting VREF/RREF ratio over the range of 40% to 105% of nominal.
(2)
Output common-mode voltage is regulated by the external I/V converter. The specified output common-mode voltage range is: (AVDD +
AVSS)/2 ±0.15V.
(3)
Excludes the tolerances of external components.
(4)
Drift is calculated over the specified temperature range using the box calculation method.
(5)
DC noise measured by ADS1282 with complementing gain over 413Hz bandwidth with DAC output = 0V.
(6)
THD = Total harmonic distortion; measured by ADS1282 with complementing gain including first nine harmonics, DAC output =
–0.5dBFS, 31.25Hz.
(7)
SNR = Signal-to-noise ratio; measured by ADS1282 with complementing gain over 413Hz bandwidth, DAC output = –0.5dBFS,
31.25Hz.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com