Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 45Page - Texas Instruments ADS1194 Datasheet HTML 46Page - Texas Instruments ADS1194 Datasheet HTML 47Page - Texas Instruments ADS1194 Datasheet HTML 48Page - Texas Instruments ADS1194 Datasheet HTML 49Page - Texas Instruments ADS1194 Datasheet HTML 50Page - Texas Instruments ADS1194 Datasheet HTML 51Page - Texas Instruments ADS1194 Datasheet HTML 52Page - Texas Instruments ADS1194 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
ADS1194
ADS1196
ADS1198
www.ti.com
SBAS471A – APRIL 2010 – REVISED SEPTEMBER 2010
WCT2: Wilson Center Terminal Control Register
Address = 19h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PD_WCTC
PD_WCTB
WCTB2
WCTB1
WCTB0
WCTC2
WCTC1
WCTC0
The WCT2 configuration register configures the device WCT circuit channel selection.
Bit [7]
PD_WCTC: Power-down WCTC
0 = Powered down (default)
1 = Powered on
Bit [6]
PD_WCTB: Power-down WCTB
0 = Powered down (default)
1 = Powered on
Bits [5:3]
WCTB[2:0]: WCT amplifier B channel selection; typically connected to LA electrode.
These bits select one of the eight electrode inputs of channels 1 to 4.
000 = Channel 1 positive input connected to WCTB amplifier
001 = Channel 1 negative input connected to WCTB amplifier
010 = Channel 2 positive input connected to WCTB amplifier (default)
011 = Channel 2 negative input connected to WCTB amplifier
100 = Channel 3 positive input connected to WCTB amplifier
101 = Channel 3 negative input connected to WCTB amplifier
110 = Channel 4 positive input connected to WCTB amplifier
111 = Channel 4 negative input connected to WCTB amplifier
Bits [2:0]
WCTC[2:0]: WCT amplifier C channel selection; typically connected to LL electrode.
These bits select one of the eight electrode inputs of channels 1 to 4.
000 = Channel 1 positive input connected to WCTC amplifier
001 = Channel 1 negative input connected to WCTC amplifier
010 = Channel 2 positive input connected to WCTC amplifier
011 = Channel 2 negative input connected to WCTC amplifier
100 = Channel 3 positive input connected to WCTC amplifier (default)
101 = Channel 3 negative input connected to WCTC amplifier
110 = Channel 4 positive input connected to WCTC amplifier
111 = Channel 4 negative input connected to WCTC amplifier
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS1194 ADS1196 ADS1198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com