Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 67 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 63Page - Texas Instruments ADS1194 Datasheet HTML 64Page - Texas Instruments ADS1194 Datasheet HTML 65Page - Texas Instruments ADS1194 Datasheet HTML 66Page - Texas Instruments ADS1194 Datasheet HTML 67Page - Texas Instruments ADS1194 Datasheet HTML 68Page - Texas Instruments ADS1194 Datasheet HTML 69Page - Texas Instruments ADS1194 Datasheet HTML 70Page - Texas Instruments ADS1194 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
ADS1194CZXGR
PREVIEW
NFBGA
ZXG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1194CZXGT
PREVIEW
NFBGA
ZXG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1194IPAG
PREVIEW
TQFP
PAG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1194IPAGR
PREVIEW
TQFP
PAG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1196CZXGR
PREVIEW
NFBGA
ZXG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1196CZXGT
PREVIEW
NFBGA
ZXG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1196IPAG
PREVIEW
TQFP
PAG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1196IPAGR
PREVIEW
TQFP
PAG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1198CPAG
ACTIVE
TQFP
PAG
64
160
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-3-260C-168 HR
Request Free Samples
ADS1198CPAGR
ACTIVE
TQFP
PAG
64
1500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-3-260C-168 HR
Purchase Samples
ADS1198CZXGR
PREVIEW
NFBGA
ZXG
64
TBD
Call TI
Call TI
Samples Not Available
ADS1198CZXGT
PREVIEW
NFBGA
ZXG
64
TBD
Call TI
Call TI
Samples Not Available
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com