Electronic Components Datasheet Search
  English  ▼

X  

OPA2140 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2140 Datasheet HTML 2Page - Texas Instruments OPA2140 Datasheet HTML 3Page - Texas Instruments OPA2140 Datasheet HTML 4Page - Texas Instruments OPA2140 Datasheet HTML 5Page - Texas Instruments OPA2140 Datasheet HTML 6Page - Texas Instruments OPA2140 Datasheet HTML 7Page - Texas Instruments OPA2140 Datasheet HTML 8Page - Texas Instruments OPA2140 Datasheet HTML 9Page - Texas Instruments OPA2140 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA140
OPA2140, OPA4140
SBOS498A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS SUMMARY
TABLE OF GRAPHS
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 2
Offset Voltage Drift Distribution
Figure 3
Offset Voltage vs Common-Mode Voltage (Max Supply)
Figure 4
IB vs Common-Mode Voltage
Figure 6
Input Offset Voltage vs Temperature
Figure 5
Output Voltage Swing vs Output Current
Figure 7
CMRR and PSRR vs Frequency (RTI)
Figure 8
Common-Mode Rejection Ratio vs Temperature
Figure 9
0.1Hz to 10Hz Noise
Figure 10
Input Voltage Noise Density vs Frequency
Figure 11
THD+N Ratio vs Frequency (80kHz AP Bandwidth)
Figure 12
THD+N Ratio vs Output Amplitude
Figure 13
Quiescent Current vs Temperature
Figure 14
Quiescent Current vs Supply Voltage
Figure 15
Gain and Phase vs Frequency
Figure 16
Closed-Loop Gain vs Frequency
Figure 17
Open-Loop Gain vs Temperature
Figure 18
Open-Loop Output Impedance vs Frequency
Figure 19
Small-Signal Overshoot vs Capacitive Load (G = +1)
Figure 20
Small-Signal Overshoot vs Capacitive Load (G = –1)
Figure 21
No Phase Reversal
Figure 22
Positive Overload Recovery
Figure 24
Negative Overload Recovery
Figure 25
Large-Signal Positive and Negative Settling Time
Figure 26, Figure 27
Small-Signal Step Response (G = +1)
Figure 28
Small-Signal Step Response (G = –1)
Figure 29
Large-Signal Step Response (G = +1)
Figure 30
Large-Signal Step Response (G = –1)
Figure 31
Short-Circuit Current vs Temperature
Figure 32
Maximum Output Voltage vs Frequency
Figure 23
Channel Separation vs Frequency
Figure 33
6
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com