Electronic Components Datasheet Search
  English  ▼

X  

TPS53129RGET Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53129RGET
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53129RGET Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53129RGET Datasheet HTML 12Page - Texas Instruments TPS53129RGET Datasheet HTML 13Page - Texas Instruments TPS53129RGET Datasheet HTML 14Page - Texas Instruments TPS53129RGET Datasheet HTML 15Page - Texas Instruments TPS53129RGET Datasheet HTML 16Page - Texas Instruments TPS53129RGET Datasheet HTML 17Page - Texas Instruments TPS53129RGET Datasheet HTML 18Page - Texas Instruments TPS53129RGET Datasheet HTML 19Page - Texas Instruments TPS53129RGET Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
1.000
1.010
1.020
1.030
1.040
1.050
1.060
1.070
1.080
1.090
1.100
0.001
0.01
0.1
1
10
I
- Output Current - A
OUT
VO2=1.05V
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
1.860
1.870
1.880
0.001
0.01
0.1
1
10
I
- Output Current - A
OUT
VO1=1.8V
1.000
1.010
1.020
1.030
1.040
1.050
1.060
1.070
1.080
1.090
1.100
0
5
10
15
20
25
V - Input Voltage - V
I
VO2=1.05V
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
1.860
1.870
1.880
0
5
10
15
20
25
V - Input Voltage - V
I
VO1=1.8V
TPS53129
SLVSAE6B – OCTOBER 2009 – REVISED JULY 2010
www.ti.com
OUTPUT VOLTAGE (VIN = 12 V)
OUTPUT VOLTAGE (VIN = 12 V)
vs
vs
OUTPUT CURRENT (CH1)
OUTPUT CURRENT (CH2)
Figure 15.
Figure 16.
OUTPUT VOLTAGE (VIN = 12 V)
OUTPUT VOLTAGE (VIN = 12 V)
vs
vs
INPUT VOLTAGE (CH1)
INPUT VOLTAGE (CH2)
Figure 17.
Figure 18.
16
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS53129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com