Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1374 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1374 Datasheet HTML 1Page - Diodes Incorporated ZXLD1374 Datasheet HTML 2Page - Diodes Incorporated ZXLD1374 Datasheet HTML 3Page - Diodes Incorporated ZXLD1374 Datasheet HTML 4Page - Diodes Incorporated ZXLD1374 Datasheet HTML 5Page - Diodes Incorporated ZXLD1374 Datasheet HTML 6Page - Diodes Incorporated ZXLD1374 Datasheet HTML 7Page - Diodes Incorporated ZXLD1374 Datasheet HTML 8Page - Diodes Incorporated ZXLD1374 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 5 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: VIN = VAUX = 12V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output Parameters
VFLAGL
FLAG pin low level output voltage
Output sinking 1mA
0.5
V
IFLAGOFF
FLAG pin open-drain leakage current
VFLAG=40V
1
µA
VSTATUS
STATUS Flag no-load output voltage
(Note 6)
Normal operation
4.2
4.5
4.8
V
Out of regulation (VSHP out of range)
(Note 7)
3.3
3.6
3.9
VIN under-voltage (VIN < 5.6V)
3.3
3.6
3.9
Switch stalled (tON or tOFF> 100µs)
3.3
3.6
3.9
LX over-voltage state (VLX >60V)
2.4
2.7
3.0
Over-temperature (TJ > 125°C)
1.5
1.8
2.1
Excess sense resistor current
(VSENSE > 0.375V)
0.6
0.9
1.2
Excessive switch current (ISW>1.5A)
0.6
0.9
1.2
RSTATUS
Output impedance of STATUS output
Normal operation
10
k
Ω
Low side switch output (LX pins tied together)
ILX-LG
Low side switch leakage current
Output stage off, VLX = 60V (Note 8)
60
µA
RDS(ON)
LX pin MOSFET on resistance
ILX = 1.5A (tON < 100µs)
0.5
0.8
Ω
tPDHL
Propagation delay high-low
VSENSE = 225mV ± 30%, CL = 680pF,
RL = 120Ω
86
ns
tPDLH
Propagation delay low-high
131
ns
tLXR
LX output rise time
208
ns
tLXF
LX output fall time
12
ns
tSTALL
Time to assert ‘STALL’ flag and
warning on STATUS output
(Note 9)
LX low or high
100
170
µs
LED Thermal control circuit (TADJ) parameters
VTADJH
Upper threshold voltage
Onset of output current reduction
(VTADJ falling)
560
625
690
mV
VTADJL
Lower threshold voltage
Output current reduced to <10% of
set value (VTADJ falling)
380
440
500
mV
ITADJ
TADJ pin Input current
VTADJ = 1.25V
1
µA
Notes:
6.
In the event of more than one fault/warning condition occurring, the higher priority condition will take precedence. E.g.
‘Excessive coil current’ and ‘Out of regulation’ occurring together will produce an output of 0.9V on the STATUS pin. The
voltage levels on the STATUS output assume the Internal regulator to be in regulation and VADJ<=VREF. A reduction of the
voltage on the STATUS pin will occur when the voltage on VIN is near the minimum value of 6V.
7.
Flag is asserted if VSHP<2.5V or VSHP>3.5V
8.
With the device still in switching mode the LX pin has an over-voltage detection circuit connected to it with a resistance of
approximately 1M
Ω.
9.
If tON exceeds tSTALL, LX turns off and then an initiate a restart cycle occurs. During this phase, ADJ is grounded internally and
the SHP pin is switched to its nominal operating voltage, before operation is allowed to resume. Restart cycles will be repeated
automatically until the operating conditions are such that normal operation can be sustained. If tOFF exceeds tSTALL, the switch
will remain off until normal operation is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com