Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1374 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 4Page - Diodes Incorporated ZXLD1374 Datasheet HTML 5Page - Diodes Incorporated ZXLD1374 Datasheet HTML 6Page - Diodes Incorporated ZXLD1374 Datasheet HTML 7Page - Diodes Incorporated ZXLD1374 Datasheet HTML 8Page - Diodes Incorporated ZXLD1374 Datasheet HTML 9Page - Diodes Incorporated ZXLD1374 Datasheet HTML 10Page - Diodes Incorporated ZXLD1374 Datasheet HTML 11Page - Diodes Incorporated ZXLD1374 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 8 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Buck Mode – RS = 146mΩ – L = 33µH - ILED = 1.5A
1.35
1.40
1.45
1.50
1.55
1.60
1.65
6
12
18
24
30
36
42
48
54
60
Input Voltage (V)
Figure 11. Load Current vs. Input Voltage and Number of LED
T = 25°C
V
= V
L = 33µH
R = 146m
A
AUX
IN
S
Ω
1 LED
3 LED s
5 LED s
7 LED s
9 LED s
13 LEDs
11 LED s
15 LEDs
0
200
400
600
800
1000
1200
612
18
24
30
36
42
48
54
60
Input Voltage (V)
Figure 12. Frequency vs. Input Voltage and N umber of LED
T = 25°C
V
= V
L = 33µH
R = 146m
A
AUX
IN
S
Ω
13 LEDs
15 LEDs
11 LED s
9 LED s
7 LED s
5 LED s
3 LED s
1 LED
60%
65%
70%
75%
80%
85%
90%
95%
100%
6
12
18
24
30
36
42
48
54
60
Input Voltage (V)
Figure 13. Efficiency vs. Input Voltage and Number of LED
T = 25°C
V
= V
L = 33µH
R = 146m
A
AUX
IN
S
Ω
13 LEDs
15 LEDs
11 LED s
9 LEDs
7 LEDs
5 LEDs
3 LEDs
1 LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com