Electronic Components Datasheet Search
  English  ▼

X  

ARM2815T Datasheet(PDF) 4 Page - International Rectifier

Part # ARM2815T
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T Datasheet(HTML) 4 Page - International Rectifier

  ARM2815T Datasheet HTML 1Page - International Rectifier ARM2815T Datasheet HTML 2Page - International Rectifier ARM2815T Datasheet HTML 3Page - International Rectifier ARM2815T Datasheet HTML 4Page - International Rectifier ARM2815T Datasheet HTML 5Page - International Rectifier ARM2815T Datasheet HTML 6Page - International Rectifier ARM2815T Datasheet HTML 7Page - International Rectifier ARM2815T Datasheet HTML 8Page - International Rectifier ARM2815T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.irf.com
ARM28XXT Series
Group A Tests V
IN= 28Volts, CL =0 unless otherwise specified.
Test
Symbol
Conditions unless otherwise specified
Group A
Subgroups
Min
Max
Units
Output voltage accuracy
VOUT
IOUT = 1.5 Adc
(main)
IOUT = ±250mAdc
ARM2812(dual)
IOUT = ±250mAdc
ARM2815(dual)
1, 2, 3
1, 2, 3
1, 2, 3
4.95
±11.70
±14.50
5.05
±12.30
±15.15
V
Output power Note 1
POUT
VIN = 19 V, 28V, 50 V
1, 2, 3
3.0
30
W
Output current
Note 1
IOUT
(main)
VIN 19 V, 28V, 50 V
(dual)
1, 2, 3
1, 2, 3
150
75
3000
500
mA
Output regulation Note 4
VR
IOUT = 150, 1500, 3000mAdc
(main)
VIN = 19 V, 28V, 50 V
IOUT = ±75, ±310, ±625mAdc
2812(dual)
IOUT = ±75, ±250, ±500mAdc
2815(dual)
1, 2, 3
1, 2, 3
1, 2, 3
4.8
±11.1
±14.0
5.2
±12.9
±15.8
V
Input current
IIN
IOUT = minimum rated, Pin 3 open
Pin 3 shorted to pin 2 (disabled)
1, 2, 3
1, 2, 3
250
8.0
mA
Output ripple Note 2
VRIP
VIN = 19 V, 28V, 50 V
IOUT = 3000mA main, ±500mA dual
1, 2, 3
100
mVP-P
Input ripple Note 2
IRIP
VIN = 19 V, 28V, 50 V
IOUT = 3000mA main, ±500mA dual
1, 2, 3
150
mAP-P
Switching frequency
FS
Synchronization pin (pin 6) open
4, 5, 6
225
275
KHz
Efficiency
Eff
IOUT = 800mA main, ±500mA dual
1
2, 3
80
78
%
Power dissipation,
load fault
PD
Short circuit, any output
1, 2, 3
7.5
W
Output response to step
load changes Notes 3, 5
VTL
10% Load to/from 50% load
50% Load to/from 100% load
4, 5, 6
4, 5, 6
-200
-200
200
200
mVPK
Recovery time from step
load changes Notes 5, 6
TTL
10% Load to/from 50% load
50% Load to/from 100% load
4, 5, 6
4, 5, 6
200
200
µs
Turn on overshoot
VOS
(main)
IOUT = minimum and full rated
(dual)
4, 5, 6
4, 5, 6
500
1500
mV
Turn on delay Note 7
TDLY
IOUT = minimum and full rated
4, 5, 6
5.0
20
ms
Isolation
ISO
500VDC Input to output or any pin to case
(except pin 12)
1
100
M
Ω
1. Parameter verified during dynamic load regulation tests
2. Guaranteed for DC to 20 MHz bandwidth. Test conducted using a 20KHz to 2MHz bandwidth.
3. Load current is stepped for output under test while other outputs are fixed at half rated load.
4. Each output is measured for all combinations of line and load. Only the minimum and maximum readings for each output are recorded.
5. Load step transition time
≥ 10µS.
6. Recovery time is measured from the initiation of the transient to where V
OUT
has returned to within ±1% of its steady state value.
7. Turn on delay time is tested by application of a logical low to high transition on the enable pin (pin 3) with power present at the input.
8. Subgroups 1 and 4 are performed at +25°C, subgroups 2 and 5 at -55°C and subgroups 3 and 6 at +125°C
.
Notes to Group A Test Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com