Electronic Components Datasheet Search
  English  ▼

X  

ARM2815T Datasheet(PDF) 1 Page - International Rectifier

Part # ARM2815T
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T Datasheet(HTML) 1 Page - International Rectifier

  ARM2815T Datasheet HTML 1Page - International Rectifier ARM2815T Datasheet HTML 2Page - International Rectifier ARM2815T Datasheet HTML 3Page - International Rectifier ARM2815T Datasheet HTML 4Page - International Rectifier ARM2815T Datasheet HTML 5Page - International Rectifier ARM2815T Datasheet HTML 6Page - International Rectifier ARM2815T Datasheet HTML 7Page - International Rectifier ARM2815T Datasheet HTML 8Page - International Rectifier ARM2815T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
08/11/06
www.irf.com
1
HYBRID - HIGH RELIABILITY
1 MEGA-RAD HARDENED
DC/DC CONVERTER
ARM28XXT SERIES
Description
n Total Dose > 1MRad (Si)
n SEE Hardened to LET up to 83 Mev.cm2/mg
n Derated per MIL-STD-975 & MIL-STD-1547
n Output Power Range 3 to 30 Watts
n 19 to 50 Volt Input Range
n Input Undervoltage Lockout
n High Electrical Efficiency > 80%
n Full Performance from -55°C to +125°C
n Continuous Short Circuit Protection
n 12.8 W / in3 Output Power Density
n True Hermetic Package
n External Inhibit Port
n Externally Synchronizable
n Fault Tolerant Design
n 5V, ±12V or 5V, ±15V Outputs Available
Features
ARM
28V Input, Triple Output
The ARM Series of three output DC/DC converters are
designed specifically for use in the high-dose radiation
environments encountered during deep space planetary
missions. The extremely high level of radiation tolerance
inherent in the ARM design is assured as a result of
extensive research, thorough analysis and testing,
careful selection of components and lot verification
testing of finished hybrids. Many of the best circuit
design features characterizing earlier International
Rectifier products have been incorporated into the ARM
topology. Capable of uniformly high performance
through long term exposures in radiation intense
environments, this series sets the standard for distributed
power systems demanding high performance and
reliability.
The ARM converters are hermetically sealed in a
rugged, low profile package utilizing copper core pins
to minimize resistive DC losses. Long-term hermeticity
is assured through use of parallel seam welded lid
attachment along with International Rectifier’s rugged
ceramic pin-to-package seal. Axial lead orientation
facilitates preferred bulkhead mounting to the principal
heat-dissipating surface.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening
specifications may be accommodated. Contact IR Santa
Clara for special requirements.
PD - 94530B


Similar Part No. - ARM2815T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARM2815T IRF-ARM2815T Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815T IRF-ARM2815T Datasheet
461Kb / 14P
HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
ARM2815TCK IRF-ARM2815TCK Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815TEM IRF-ARM2815TEM Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
More results

Similar Description - ARM2815T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARM2815TCK IRF-ARM2815TCK Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARM2800T IRF-ARM2800T_15 Datasheet
132Kb / 13P
HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARM2815T IRF-ARM2815T Datasheet
461Kb / 14P
HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com