Electronic Components Datasheet Search
  English  ▼

X  

IRFY340C Datasheet(PDF) 7 Page - International Rectifier

Part # IRFY340C
Description  POWER MOSFET THRU-HOLE (TO-257AA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY340C Datasheet(HTML) 7 Page - International Rectifier

  IRFY340C Datasheet HTML 1Page - International Rectifier IRFY340C Datasheet HTML 2Page - International Rectifier IRFY340C Datasheet HTML 3Page - International Rectifier IRFY340C Datasheet HTML 4Page - International Rectifier IRFY340C Datasheet HTML 5Page - International Rectifier IRFY340C Datasheet HTML 6Page - International Rectifier IRFY340C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRFY340C, IRFY340CM
➂ ISD ≤ 8.7A, di/dt ≤ 120A/µs,
VDD ≤ 400V, TJ ≤ 150°C
➃ Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
➀ Repetitive Rating; Pulse width limited by
maximum junction temperature.
➁ VDD = 50V, starting TJ = 25°C, L= 13mH
Peak IL = 8.7A, VGS = 10V
Footnotes:
Case Outline and Dimensions — TO-257AA
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 04/01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com