Electronic Components Datasheet Search
  English  ▼

X  

IRFY340C Datasheet(PDF) 1 Page - International Rectifier

Part # IRFY340C
Description  POWER MOSFET THRU-HOLE (TO-257AA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY340C Datasheet(HTML) 1 Page - International Rectifier

  IRFY340C Datasheet HTML 1Page - International Rectifier IRFY340C Datasheet HTML 2Page - International Rectifier IRFY340C Datasheet HTML 3Page - International Rectifier IRFY340C Datasheet HTML 4Page - International Rectifier IRFY340C Datasheet HTML 5Page - International Rectifier IRFY340C Datasheet HTML 6Page - International Rectifier IRFY340C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
8.7
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
5.5
IDM
Pulsed Drain Current ➀
35
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
520
mJ
IAR
Avalanche Current ➀
8.7
A
EAR
Repetitive Avalanche Energy ➀
10
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300(0.063in./1.6mm from case for 10 sec)
Weight
4.3 (Typical)
g
PD - 91290C
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advan-
tages of MOSFETs, such as voltage control, very fast switch-
ing, ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required.
The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
oC
A
POWER MOSFET
THRU-HOLE (TO-257AA)
4/18/01
www.irf.com
1
400V, N-CHANNEL
HEXFET
®
MOSFET TECHNOLOGY
TO-257AA
Product Summary
Part Number
RDS(on)
ID
Eyelets
IRFY340C
0.55
Ω
8.7A
Ceramic
IRFY340CM
0.55
Ω
8.7A
Ceramic
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Ceramic Eyelets
n Ideally Suited For Space Level
Applications
For footnotes refer to the last page
IRFY340C,IRFY340CM


Similar Part No. - IRFY340C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
Simple Drive Requirements
IRFY340CM IRF-IRFY340CM Datasheet
275Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
IRFY340C IRF-IRFY340C_15 Datasheet
148Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFY340C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9140 IRF-IRFY9140 Datasheet
279Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140C IRF-IRFY9140C Datasheet
257Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA
IRFY340SCX IRF-IRFY340SCX Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY440C IRF-IRFY440C Datasheet
189Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com